Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407A Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3407A
Description  Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407A Datasheet(HTML) 2 Page - Linear Technology

  LTC3407A Datasheet HTML 1Page - Linear Technology LTC3407A Datasheet HTML 2Page - Linear Technology LTC3407A Datasheet HTML 3Page - Linear Technology LTC3407A Datasheet HTML 4Page - Linear Technology LTC3407A Datasheet HTML 5Page - Linear Technology LTC3407A Datasheet HTML 6Page - Linear Technology LTC3407A Datasheet HTML 7Page - Linear Technology LTC3407A Datasheet HTML 8Page - Linear Technology LTC3407A Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC3407A
2
3407afa
ABSOLUTE MAXIMUM RATINGS
VIN Voltage...................................................– 0.3V to 6V
VFB1, VFB2 Voltages ................................... –0.3V to 1.5V
RUN/SS1, RUN/SS2 Voltages ......................–0.3V to VIN
MODE/SYNC Voltage....................................–0.3V to VIN
SW1, SW2 Voltages ......................... –0.3V to VIN + 0.3V
POR Voltage................................................. –0.3V to 6V
(Note 1)
TOP VIEW
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
EXPOSED PAD IS PGND (PIN 11)
MUST BE CONNECTED TO GND
10
11
9
6
7
8
4
5
3
2
1
VFB2
RUN/SS2
POR
SW2
MODE/
SYNC
VFB1
RUN/SS1
VIN
SW1
GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
TOP VIEW
1
2
3
4
5
VFB1
RUN/SS1
VIN
SW1
GND
10
9
8
7
6
VFB2
RUN/SS2
POR
SW2
MODE/
SYNC
11
MSE PACKAGE
10-LEAD PLASTIC MSOP
EXPOSED PAD IS PGND (PIN 11)
MUST BE CONNECTED TO GND
TJMAX = 125°C, θJA = 45°C/W, θJC = 10°C/W
PIN CONFIGURATION
Operating Temperature Range (Note 2)
LTC3407AE .......................................... –40°C to 85°C
LTC3407AI ......................................... –40°C to 125°C
Junction Temperature (Note 5) ............................. 125°C
Storage Temperature Range...................– 65°C to 150°C
Lead Temperature (Soldering, 10 sec)
LTC3407AMSE Only .......................................... 300°C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Operating Voltage Range
2.5
5.5
V
IFB
Feedback Pin Input Current
30
nA
VFB
Feedback Voltage (Note 3)
0°C ≤ TA ≤ 85°C
–40°C ≤ TA ≤ 125°C (LTC3407AI)
0.588
0.585
0.6
0.6
0.612
0.612
V
V
ΔVLINE REG
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 3)
0.3
0.5
%/V
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3407AEDD#PBF
LTC3407AEDD#TRPBF
LCQN
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 85°C
LTC3407AIDD#PBF
LTC3407AIDD#TRPBF
LCQN
10-Lead (3mm × 3mm) Plastic DFN
–40°C to 125°C
LTC3407AEMSE#PBF
LTC3407AEMSE#TRPBF
LTCRZ
10-Lead Plastic MSOP
–40°C to 85°C
LTC3407AIMSE#PBF
LTC3407AIMSE#TRPBF
LTCRZ
10-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, unless otherwise specified. (Note 2)


Similar Part No. - LTC3407A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407A LINER-LTC3407A Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407AB LINER-LTC3407AB Datasheet
534Kb / 22P
   1.25A, 4MHz, Synchronous Step-Down DC/DC Converter
LTC3407AEDD-2 LINER-LTC3407AEDD-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407 LINER-LTC3407 Datasheet
204Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
   Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
LTC3407 LINER-LTC3407_15 Datasheet
224Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Linear Integrated Syste...
LTC3407AIDD LINEAR-LTC3407AIDD Datasheet
205Kb / 16P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
ams AG
AS1324 AMSCO-AS1324 Datasheet
910Kb / 20P
   1.5MHz, 600mA, DC/DC Step-Down Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Champion Microelectroni...
CM3706 CHAMP-CM3706 Datasheet
391Kb / 11P
   1.5MHz, 600mA Synchronous Step-Down Regulator
logo
Feeling Technology Corp...
FP6160B FEELING-FP6160B Datasheet
422Kb / 14P
   1.5MHz, 600mA Synchronous Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com