Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3407EDD-4 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3407EDD-4
Description  Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3407EDD-4 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3407EDD-4 Datasheet HTML 7Page - Linear Technology LTC3407EDD-4 Datasheet HTML 8Page - Linear Technology LTC3407EDD-4 Datasheet HTML 9Page - Linear Technology LTC3407EDD-4 Datasheet HTML 10Page - Linear Technology LTC3407EDD-4 Datasheet HTML 11Page - Linear Technology LTC3407EDD-4 Datasheet HTML 12Page - Linear Technology LTC3407EDD-4 Datasheet HTML 13Page - Linear Technology LTC3407EDD-4 Datasheet HTML 14Page - Linear Technology LTC3407EDD-4 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3407-4
11
34074f
produce the most improvement. Percent efficiency can be
expressed as:
%Efficiency = 100% - (L1 + L2 + L3 + ...)
where L1, L2, etc. are the individual losses as a percentage
of input power.
Although all dissipative elements in the circuit produce
losses, 4 main sources usually account for most of the
losses in LTC3407-4 circuits: 1)VIN quiescent current, 2)
switching losses, 3) I2R losses, 4) other losses.
1) The VIN current is the DC supply current given in the
Electrical Characteristics which excludes MOSFET driver
and control currents. VIN current results in a small (<0.1%)
loss that increases with VIN, even at no load.
2) The switching current is the sum of the MOSFET driver
and control currents. The MOSFET driver current results
from switching the gate capacitance of the power MOSFETs.
Each time a MOSFET gate is switched from low to high to
low again, a packet of charge dQ moves from VIN to
ground. The resulting dQ/dt is a current out of VIN that is
typically much larger than the DC bias current. In continu-
ous mode, IGATECHG = fO(QT + QB), where QT and QB are the
gate charges of the internal top and bottom MOSFET
switches. The gate charge losses are proportional to VIN
and thus their effects will be more pronounced at higher
supply voltages.
3) I2R losses are calculated from the DC resistances of the
internal switches, RSW, and external inductor, RL. In
continuous mode, the average output current flows through
inductor L, but is “chopped” between the internal top and
bottom switches. Thus, the series resistance looking into
the SW pin is a function of both top and bottom MOSFET
RDS(ON) and the duty cycle (DC) as follows:
RSW = (RDS(ON)TOP)(DC) + (RDS(ON)BOT)(1 – DC)
The RDS(ON) for both the top and bottom MOSFETs can be
obtained from the Typical Performance Characteristics
curves. Thus, to obtain I2R losses:
I2R losses = IOUT2(RSW + RL)
4) Other ‘hidden’ losses such as copper trace and internal
battery resistances can account for additional efficiency
degradations in portable systems. It is very important to
include these “system” level losses in the design of a
system. The internal battery and fuse resistance losses
can be minimized by making sure that CIN has adequate
charge storage and very low ESR at the switching fre-
quency. Other losses including diode conduction losses
during dead-time and inductor core losses generally ac-
count for less than 2% total additional loss.
Thermal Considerations
In a majority of applications, the LTC3407-4 does not
dissipate much heat due to its high efficiency. However, in
applications where the LTC3407-4 is running at high
ambient temperature with low supply voltage and high
duty cycles, such as in dropout, the heat dissipated may
exceed the maximum junction temperature of the part. If
the junction temperature reaches approximately 150
°C,
both power switches will turn off and the SW node will
become high impedance.
To prevent the LTC3407-4 from exceeding the maximum
junction temperature, the user will need to do some
thermal analysis. The goal of the thermal analysis is to
determine whether the power dissipated exceeds the
maximum junction temperature of the part. The tempera-
ture rise is given by:
TRISE = PD • θJA
where PD is the power dissipated by the regulator and θJA
is the thermal resistance from the junction of the die to the
ambient temperature.
The junction temperature, TJ, is given by:
TJ = TRISE + TAMBIENT
As an example, consider the case when the LTC3407-4 is
in dropout on both channels at an input voltage of 2.7V
with a load current of 800mA and an ambient temperature
of 70
°C. From the Typical Performance Characteristics
graph of Switch Resistance, the RDS(ON) resistance of the
main switch is 0.425
Ω. Therefore, power dissipated by
each channel is:
PD = I2 • RDS(ON) = 272mW
The MS package junction-to-ambient thermal resistance,
θJA, is 45°C/W. Therefore, the junction temperature of the
APPLICATIO S I FOR ATIO


Similar Part No. - LTC3407EDD-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407EDD-2 LINER-LTC3407EDD-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407EDD-3 LINER-LTC3407EDD-3 Datasheet
248Kb / 16P
   Dual Synchronous, 1.8V/0.8A and 3.3V/0.8A 2.25MHz Step-Down DC/DC Regulator
More results

Similar Description - LTC3407EDD-4

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3407-2 LINER-LTC3407-2_15 Datasheet
264Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2_15 Datasheet
280Kb / 16P
   Dual Synchronous 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407A-2 LINER-LTC3407A-2 Datasheet
270Kb / 16P
   Dual Synchronous 800mA,2.25MHz Step-Down DC/DC Regulator
LTC3407-4 LINER-LTC3407-4_15 Datasheet
273Kb / 14P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3407-2 LINER-LTC3407-2 Datasheet
219Kb / 16P
   Dual Synchronous, 800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A_15 Datasheet
254Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548 Datasheet
275Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548A LINER-LTC3548A Datasheet
250Kb / 20P
   Dual Synchronous 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
LTC3548 LINER-LTC3548_15 Datasheet
254Kb / 16P
   Dual Synchronous, 400mA/800mA, 2.25MHz Step-Down DC/DC Regulator
logo
Micrel Semiconductor
MIC2230 MICREL-MIC2230_10 Datasheet
1Mb / 18P
   Dual Synchronous 800mA/800mA Step-Down DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com