Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3405 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3405
Description  1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405 Datasheet(HTML) 5 Page - Linear Technology

  LTC3405 Datasheet HTML 1Page - Linear Technology LTC3405 Datasheet HTML 2Page - Linear Technology LTC3405 Datasheet HTML 3Page - Linear Technology LTC3405 Datasheet HTML 4Page - Linear Technology LTC3405 Datasheet HTML 5Page - Linear Technology LTC3405 Datasheet HTML 6Page - Linear Technology LTC3405 Datasheet HTML 7Page - Linear Technology LTC3405 Datasheet HTML 8Page - Linear Technology LTC3405 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
LTC3405
3405fa
PI FU CTIO S
RUN (Pin 1): Run Control Input. Forcing this pin above
1.5V enables the part. Forcing this pin below 0.3V shuts
down the device. In shutdown, all functions are disabled
drawing <1µA supply current. Do not leave RUN floating.
GND (Pin 2): Ground Pin.
SW (Pin 3): Switch Node Connection to Inductor. This pin
connects to the drains of the internal main and synchro-
nous power MOSFET switches.
VIN (Pin 4): Main Supply Pin. Must be closely decoupled
to GND, Pin 2, with a 2.2µF or greater ceramic capacitor.
VFB (Pin 5): Feedback Pin. Receives the feedback voltage
from an external resistive divider across the output.
MODE (Pin 6): Mode Select Input. To select pulse skip-
ping mode, tie to VIN. Grounding this pin selects Burst
Mode operation. Do not leave this pin floating.
3405 G20
VOUT
100mV/DIV
AC
COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 20mA TO 250mA
PULSE SKIPPING MODE
VOUT
100mV/DIV
AC
COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
3405 G21
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 20mA TO 250mA
Burst Mode OPERATION
3405 G22
40µs/DIV
VIN = 3.6V
VOUT = 1.8V
ILOAD = 0mA TO 250mA
Burst Mode OPERATION
VOUT
100mV/DIV
AC
COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
TYPICAL PERFOR A CE CHARACTERISTICS
Load Step
Load Step
Load Step
(From Figure 1a Except for the Resistive Divider Resistor Values)


Similar Part No. - LTC3405

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC3405 LINEAR-LTC3405 Datasheet
195Kb / 18P
   Standalone 250mA Li-Ion Battery Charger in 2 횞 2 DFN
logo
Linear Technology
LTC3405 LINER-LTC3405 Datasheet
229Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down egulator in ThinSOT
LTC3405 LINER-LTC3405 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3405 LINER-LTC3405 Datasheet
210Kb / 20P
   2.5A, 10V, Monolithic Synchronous Step-Down Regulator
LTC3405 LINER-LTC3405 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
More results

Similar Description - LTC3405

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3405A LINER-LTC3405A Datasheet
214Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405 LINER-LTC3405_15 Datasheet
244Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A LINER-LTC3405A_15 Datasheet
219Kb / 16P
   1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375 Datasheet
260Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3405A-1.375 LINER-LTC3405A-1.375_15 Datasheet
266Kb / 12P
   1.375V, 1.5MHz, 300mA Synchronous Step-Down Regulators in ThinSOT
LTC3406-1.5 LINER-LTC3406-1.5_15 Datasheet
246Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406 LINER-LTC3406 Datasheet
233Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B-1.2 LINER-LTC3406B-1.2 Datasheet
277Kb / 12P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406AB LINER-LTC3406AB Datasheet
307Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
LTC3406B LINER-LTC3406B_15 Datasheet
241Kb / 16P
   1.5MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com