Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3230 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC3230
Description  5-LED Main/Sub Display Driver with Dual LDO
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3230 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC3230 Datasheet HTML 7Page - Linear Technology LTC3230 Datasheet HTML 8Page - Linear Technology LTC3230 Datasheet HTML 9Page - Linear Technology LTC3230 Datasheet HTML 10Page - Linear Technology LTC3230 Datasheet HTML 11Page - Linear Technology LTC3230 Datasheet HTML 12Page - Linear Technology LTC3230 Datasheet HTML 13Page - Linear Technology LTC3230 Datasheet HTML 14Page - Linear Technology LTC3230 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC3230
11
3230fa
OPERATION
charge pump function. Driving ENLDO1 and ENLDO2 high
enable LDO1 and LDO2 respectively. When the charge
pump is enabled, each LDO consumes an additional 60μA
(typical) from VIN. If the charge pump is not enabled, one
LDO consumes 125μA (typical) and the second uses 60μA
(typical) additional current.
LDO output voltage is set using three-level input pins V1
and V2 as shown in Table 2.
Table 2. LDO1 and LDO2 Output Voltage Control
V1
GND
FLOAT
VIN
LDO1 (V)
1.2
1.5
1.8
V2
GND
FLOAT
VIN
LDO2 (V)
1.8
2.8
3.3
The reference input to each LDO is ramped when enabled
to provide an output soft-start lasting typically 100μs.
When an LDO is disabled its output is pulled to ground
through an 11.5k resistor.
Shutdown Current
In shutdown mode all the circuitry is turned off and the
LTC3230 draws a very low current from the VIN supply.
When in shutdown, CPO is disconnected from VIN and is
pulled to ground through a 14.3k resistor. The LTC3230
enters shutdown mode when both ENM and ENS pins
are brought low for 250μs (minimum) and ENLDO1 and
ENLDO2 are brought low. All enable pins ENM, ENS, EN-
LDO1 and ENLDO2 have internal pull-downs to define the
shutdown state whenever the inputs are floating.
Figure 3. Typical 1.5x ROL vs Temperature
Figure 4. Typical 2x ROL vs Temperature
TEMPERATURE (
°C)
–40
5
6
7
8
9
10
11
–15
10
35
60
3230 G06
85
VIN = 3V
VCPO = 4.2V
C1 = C2 = C6 = 1
μF
TEMPERATURE (
°C)
–40
6
7
8
9
10
11
12
–15
10
35
60
3230 G08
85
VIN = 3V
VCPO = 4.8V
C1 = C2 = C6 = 1
μF


Similar Part No. - LTC3230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3230 LINER-LTC3230 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
LTC3230 LINER-LTC3230_15 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
More results

Similar Description - LTC3230

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3230 LINER-LTC3230_15 Datasheet
231Kb / 16P
   5-LED Main/Sub Display Driver with Dual LDO
logo
Integrated Silicon Solu...
IS31LT3135 ISSI-IS31LT3135 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
IS31LT3135-V1GRLS2 ISSI-IS31LT3135-V1GRLS2 Datasheet
216Kb / 6P
   MAIN/SUB DUAL-CHANNEL LED DRIVER
logo
Richtek Technology Corp...
RT9367C RICHTEK-RT9367C Datasheet
488Kb / 18P
   I2C Programmable White LED Driver with Dual LDO
logo
ON Semiconductor
LC75805PE ONSEMI-LC75805PE Datasheet
295Kb / 34P
   LCD Display Driver with LED Driver
December, 2013
logo
Micrel Semiconductor
MIC2210 MICREL-MIC2210 Datasheet
744Kb / 12P
   Dual Cap LDO with Open-Drain Driver
logo
National Semiconductor ...
LM27965 NSC-LM27965 Datasheet
728Kb / 13P
   Dual Display White LED Driver with I2C Compatible Brightness Control
LM27965 NSC-LM27965_07 Datasheet
354Kb / 14P
   Dual Display White LED Driver with I2C Compatible Brightness Control
logo
Texas Instruments
LM3503 TI1-LM3503_15 Datasheet
1Mb / 28P
[Old version datasheet]   Dual-Display Constant Current LED Driver with Analog Brightness Control
logo
National Semiconductor ...
LM3503 NSC-LM3503_06 Datasheet
1Mb / 20P
   Dual-Display Constant Current LED Driver with Analog Brightness Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com