Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3225EDDB-TRMPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC3225EDDB-TRMPBF
Description  150mA Supercapacitor Charger
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3225EDDB-TRMPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC3225EDDB-TRMPBF Datasheet HTML 4Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 5Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 6Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 7Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 8Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 9Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 10Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 11Page - Linear Technology LTC3225EDDB-TRMPBF Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LTC3225
8
3225f
APPLICATIONS INFORMATION
Programming Charge Current
The charging current is programmed with a single resistor
connecting the PROG pin to ground. The program resistor
and the input/output charge currents are calculated using
the following equations:
I
V
R
I
I
VIN
PROG
OUT
VIN
=
=
3600
2
(with matched outp
put capacitors)
An RPROG resistor value of 2k or less (i.e., short circuit)
causes the LTC3225 to enter overcurrent shutdown mode.
This mode prevents damage to the part by shutting down
the internal charge pump.
Power Efficiency
The power efficiency (
η) of the LTC3225 is similar to that
of a linear regulator with an effective input voltage of twice
the actual input voltage. In an ideal regulating voltage
doubler the power efficiency is given by:
η2
22
xIDEAL
OUT
IN
OUT
OUT
IN
OUT
OUT
I
P
P
VI
VI
V
V
==
=
N
N
At moderate to high output power the switching losses
and quiescent current of the LTC3225 are negligible and
the above expression is valid. For example, with VIN = 3.6V,
IOUT = 100mA and VOUT regulated to 5.3V, the measured
efficiency is 71.2% which is in close agreement with the
theoretical 73.6% calculation.
Effective Open-Loop Output Resistance (ROL)
The effective open-loop output resistance (ROL) of a charge
pump is an important parameter that describes the strength
of the charge pump. The value of this parameter depends
on many factors including the oscillator frequency (fOSC),
value of the flying capacitor (CFLY), the non-overlap time,
the internal switch resistances (RS) and the ESR of the
external capacitors.
Output Voltage Programming
The LTC3225 has a VSEL input pin that allows the user to
set the output threshold voltage to either 4.8V or 5.3V by
forcing a low or high at the VSEL pin respectively.
Charging Time Estimation
The estimated charging time when the initial voltage
across the two output supercapacitors is equal is given
by the equation:
t
CV
V
I
CHRG
OUT
COUT
INI
OUT
=
()
•–
where COUT is the series output capacitance, VCOUT is the
voltage threshold set by the VSEL pin, VINI is the initial
voltage at the COUT pin and IOUT is the output charging
current given by:
I
V
R
OUT
PROG
=
1800
When the charging process starts with unequal initial
voltages across the output supercapacitors, only the ca-
pacitor with the lower voltage level is charged; the other
capacitor is not charged until the voltages equalize. This
extends the charging time slightly. Under the worst-case
condition, whereby one capacitor is fully depleted while
the other remains fully charged due to significant leakage
current mismatch, the charging time is about 1.5 times
longer than normal.
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the LTC3225.
If the junction temperature increases above approximately


Similar Part No. - LTC3225EDDB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225 LINER-LTC3225 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
LTC3225 LINER-LTC3225 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
LTC3225 LINER-LTC3225 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
logo
Analog Devices
LTC3225 AD-LTC3225 Datasheet
898Kb / 18P
   20V 1A Buck DC/DC with Integrated SCAP Charger and Backup Regulator
logo
Linear Technology
LTC3225-1 LINER-LTC3225-1 Datasheet
1Mb / 18P
   400mA Step-Up DC/DC Converter with Maximum Power Point Control and 250mV Start-Up
More results

Similar Description - LTC3225EDDB-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3225 LINER-LTC3225_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3225-1 LINER-LTC3225-1_15 Datasheet
274Kb / 14P
   150mA Supercapacitor Charger
LTC3226 LINER-LTC3226_12 Datasheet
233Kb / 16P
   2-Cell Supercapacitor Charger
logo
Linear Integrated Syste...
LTC3226 LINEAR-LTC3226 Datasheet
441Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
logo
Linear Technology
LTC3226 LINER-LTC3226_15 Datasheet
237Kb / 16P
   2-Cell Supercapacitor Charger with Backup PowerPath Controller
LTC3351 LINER-LTC3351 Datasheet
2Mb / 56P
   Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
LTC3128 LINER-LTC3128 Datasheet
230Kb / 6P
   High Efficiency 2-Cell Supercapacitor Charger and Balancer Converter
logo
Illinois Capacitor, Inc...
304DCN2R7SCBB ILLINOISCAPACITOR-304DCN2R7SCBB Datasheet
128Kb / 1P
   Supercapacitor
306DCN2R7M ILLINOISCAPACITOR-306DCN2R7M Datasheet
128Kb / 1P
   Supercapacitor
106DER2R5SGW ILLINOISCAPACITOR-106DER2R5SGW Datasheet
120Kb / 1P
   Supercapacitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com