Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3220EPF-PBF Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3220EPF-PBF
Description  360mA Universal 18-Channel LED Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3220EPF-PBF Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3220EPF-PBF Datasheet HTML 2Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 3Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 4Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 5Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 6Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 7Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 8Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 9Page - Linear Technology LTC3220EPF-PBF Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
LTC3220/LTC3220-1
6
32201fb
PIN FUNCTIONS
TYPICAL PERFORMANCE CHARACTERISTICS T
A = 25°C unless otherwise noted.
18-LED ULED Display Efficiency
vs VIN Voltage
ULED1-ULED18 (Pins 1-9,13-21): Current Source Outputs
for Driving LEDs. The LED current can be set from 0mA
to 20mA in 64 steps via software control and internal
6-bit linear DAC. Each output can be disabled by setting
the associated data register REG1 to REG18 low. ULED1
to ULED18 can also be used as I2C controlled open-drain
general purpose outputs. Connect unused outputs to
ground.
DVCC (Pin 10): Supply Voltage for All digital I/O lines. This
pin sets the logic reference level of the LTC3220/LTC3220-1.
DVCC will reset the data registers when set below the
undervoltage lockout threshold. A 0.1μF X5R or X7R
ceramic capacitor should be connected to ground.
SCL (Pin 11): I2C Clock Input. The logic level for SCL is
referenced to DVCC.
ULED Current vs Input Code
INPUT CODE (HEX)
009
0
10
25
12
24
2D
3220 G16
5
20
15
1B
36
3F
VIN VOLTAGE (V)
2.9
100
10
90
70
50
30
80
60
40
20
0
4.525
3.875
5.175
3220 G17
5.5
4.2
3.55
4.85
3.225
1.5x Mode VIN Current vs ICPO
(IVIN – 1.5ICPO)
2x Mode VIN Current vs ICPO
(IVIN – 2ICPO)
ULED Pin Current
vs ULED Pin Voltage
ICPO (mA)
0
6
8
10
180
300
3220 G13
4
2
0
60
120
240
12
14
16
360
ICPO (mA)
0
14
12
10
8
6
4
2
0
180
300
3220 G14
60
120
240
360
ULED PIN VOLTAGE (V)
0
10
15
0.2
3220 G15
5
0
0.05
0.1
0.15
25
20


Similar Part No. - LTC3220EPF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220EPF-PBF LINER-LTC3220EPF-PBF Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
More results

Similar Description - LTC3220EPF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3220 LINER-LTC3220_1 Datasheet
216Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220-1 LINER-LTC3220-1_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
LTC3220 LINER-LTC3220_15 Datasheet
220Kb / 20P
   360mA Universal 18-Channel LED Driver
logo
AIMTEC
AMEPR16-4229Z AIMTEC-AMEPR16-4229Z Datasheet
558Kb / 6P
   up to 360mA | AC-DC LED driver
logo
Sanyo Semicon Device
LV5235V SANYO-LV5235V Datasheet
360Kb / 29P
   18-channel LED Driver
logo
ON Semiconductor
LV5235V ONSEMI-LV5235V Datasheet
426Kb / 32P
   18-channel LED Driver
March, 2014
logo
Linear Technology
LTC3219 LINER-LTC3219 Datasheet
219Kb / 20P
   250mA Universal Nine Channel LED Driver
LTC3219 LINER-LTC3219_15 Datasheet
213Kb / 20P
   250mA Universal Nine Channel LED Driver
logo
Integrated Device Techn...
ZLED7001 IDT-ZLED7001 Datasheet
304Kb / 14P
   Universal LED Driver
logo
alpha microelectronics ...
AMG-LL9910B ALPHA-MICRO-AMG-LL9910B Datasheet
1Mb / 15P
   Universal High Voltage Single Channel LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com