Electronic Components Datasheet Search |
|
LTC3210EUD-3-TRPBF Datasheet(PDF) 3 Page - Linear Technology |
|
LTC3210EUD-3-TRPBF Datasheet(HTML) 3 Page - Linear Technology |
3 / 16 page LTC3210-2/LTC3210-3 3 321023fa ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2μF, RM = 30.1k, RC = 24.3k, ENM = high, unless otherwise noted. Note 3: The LTC3210-2/LTC3210-3 are guaranteed to meet performance specifications from 0°C to 70°C. Specifications over the –40°C to 85°C ambient operating temperature range are assured by design, characterization and correlation with statistical process controls. Note 4: 1.5x mode output impedance is defined as (1.5VBAT – VCPO)/IOUT. 2x mode output impedance is defined as (2VBAT – VCPO)/IOUT. Note 5: If the part has been shut down then the initial enable time is about 100μs longer due to the bandgap enable time. Note 1: Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. Exposure to any Absolute Maximum Rating condition for extended periods may affect device reliability and lifetime. Note 2: Based on long-term current density limitations. Assumes an operating duty cycle of ≤10% under absolute maximum conditions for durations less than 10 seconds. Maximum current for continuous operation is 300mA. PARAMETER CONDITIONS MIN TYP MAX UNITS MLED Current, 5-Bit Linear DAC 1 ENM Strobe (FS) 31 ENM Strobes (FS/31) 20 0.640 mA mA CLED Current LED Current Ratio (ICLED/IRC)ICLED = Full Scale ● 6930 7700 8470 A/A LED Dropout Voltage Mode Switch Threshold, ICLED = Full Scale 500 mV CLED Current, 3-Bit Linear DAC 1 ENC Strobe (FS) 7 ENC Strobes (FS/7) 380 54 mA mA Charge Pump (CPO) 1x Mode Output Voltage ICPO = 0mA VBAT V 1.5x Mode Output Voltage ICPO = 0mA 4.55 V 2x Mode Output Voltage ICPO = 0mA 5.05 V 1x Mode Output Impedance 0.55 Ω 1.5x Mode Output Impedance VBAT = 3.4V, VCPO = 4.6V (Note 4) 3.15 Ω 2x Mode Output Impedance VBAT = 3.2V, VCPO = 5.1V (Note 4) 3.95 Ω CLOCK Frequency 0.8 MHz Mode Switching Delay 0.4 ms CPO Short Circuit Detection Threshold Voltage ● 0.4 1.3 V Test Current CPO = 0V, ENM = ENC = Low ● 10 30 mA ENC, ENM VIL ● 0.4 V VIH ● 1.4 V IIH ENM = ENC = 3.6V ● 10 15 20 μA IIL ENM = ENC = 0V ● –1 1 μA ENC, ENM Timing tPW Minimum Pulse Width ● 200 ns tSD Low Time to Shutdown (ENC, ENM = Low) ● 50 150 250 μs tEN Current Source Enable Time (ENC, ENM = High) (Note 5) ● 50 150 250 μs RM, RC VRM, VRC ● 1.16 1.20 1.24 V IRM, IRC ● 80 μA |
Similar Part No. - LTC3210EUD-3-TRPBF |
|
Similar Description - LTC3210EUD-3-TRPBF |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |