Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3210-1 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3210-1
Description  MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm3mm QFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210-1 Datasheet(HTML) 3 Page - Linear Technology

  LTC3210-1 Datasheet HTML 1Page - Linear Technology LTC3210-1 Datasheet HTML 2Page - Linear Technology LTC3210-1 Datasheet HTML 3Page - Linear Technology LTC3210-1 Datasheet HTML 4Page - Linear Technology LTC3210-1 Datasheet HTML 5Page - Linear Technology LTC3210-1 Datasheet HTML 6Page - Linear Technology LTC3210-1 Datasheet HTML 7Page - Linear Technology LTC3210-1 Datasheet HTML 8Page - Linear Technology LTC3210-1 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3210-1
3
32101fc
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C.VBAT = 3.6V, C1 = C2 = C3 = C4 = 2.2μF, RM = 30.1k, RC = 24.3k,
ENM = high, unless otherwise noted.
Note 3: The LTC3210-1 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 4: 1.5x mode output impedance is defined as (1.5VBAT – VCPO)/IOUT.
2x mode output impedance is defined as (2VBAT – VCPO)/IOUT.
Note 5: If the part has been shut down then the initial enable time is about
100μs longer due to the bandgap enable time.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Based on long-term current density limitations. Assumes an
operating duty cycle of ≤10% under absolute maximum conditions
for durations less than 10 seconds. Maximum current for continuous
operation is 300mA.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MLED Current, 6-Bit Linear DAC
1 ENM Strobe (FS)
63 ENM Strobes (FS/63)
20
0.318
mA
mA
Unused MLED Detection
Test Current
MLED Tied to CPO
416
μA
Threshold Voltage
VCPO – VMLED
0.5
1.5
V
CLED Current
LED Current Ratio (ICLED/IRC)ICLED = Full Scale
6930
7700
8470
A/A
LED Dropout Voltage
Mode Switch Threshold, ICLED = Full Scale
500
mV
CLED Current, 3-Bit Linear DAC
1 ENC Strobe (FS)
7 ENC Strobes (FS/7)
380
54
mA
mA
Charge Pump (CPO)
1x Mode Output Voltage
ICPO = 0mA
VBAT
V
1.5x Mode Output Voltage
ICPO = 0mA
4.55
V
2x Mode Output Voltage
ICPO = 0mA
5.05
V
1x Mode Output Impedance
0.55
Ω
1.5x Mode Output Impedance
VBAT = 3.4V, VCPO = 4.6V (Note 4)
3.15
Ω
2x Mode Output Impedance
VBAT = 3.2V, VCPO = 5.1V (Note 4)
3.95
Ω
CLOCK Frequency
0.8
MHz
Mode Switching Delay
0.4
ms
CPO Short Circuit Detection
Threshold Voltage
0.4
1.3
V
Test Current
CPO = 0V, ENM = ENC = Low
10
30
mA
ENC, ENM
VIL
0.4
V
VIH
1.4
V
IIH
ENM = ENC = 3.6V
10
15
20
μA
IIL
ENM = ENC = 0V
–1
1
μA
ENC, ENM Timing
tPW
Minimum Pulse Width
200
ns
tSD
Low Time to Shutdown (ENC, ENM = Low)
50
150
250
μs
tEN
Current Source Enable Time
(ENC, ENM = High) (Note 5)
50
150
250
μs
RM, RC
VRM, VRC
1.16
1.20
1.24
V
IRM, IRC
80
μA
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC3210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
More results

Similar Description - LTC3210-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3210-1 LINER-LTC3210-1_15 Datasheet
1Mb / 16P
   MAIN/CAM LED Controller with 64-Step Brightness Control in 3mm 3mm QFN
LTC3210-2 LINER-LTC3210-2 Datasheet
214Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control in 3mm 횞 3mm QFN
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210-3 LINER-LTC3210-3_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LTC3210-2 LINER-LTC3210-2_15 Datasheet
283Kb / 16P
   MAIN/CAM LED Controllers with 32-Step Brightness Control
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com