Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3209EUF-1 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC3209EUF-1
Description  600mA Main/Camera LED Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3209EUF-1 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC3209EUF-1 Datasheet HTML 5Page - Linear Technology LTC3209EUF-1 Datasheet HTML 6Page - Linear Technology LTC3209EUF-1 Datasheet HTML 7Page - Linear Technology LTC3209EUF-1 Datasheet HTML 8Page - Linear Technology LTC3209EUF-1 Datasheet HTML 9Page - Linear Technology LTC3209EUF-1 Datasheet HTML 10Page - Linear Technology LTC3209EUF-1 Datasheet HTML 11Page - Linear Technology LTC3209EUF-1 Datasheet HTML 12Page - Linear Technology LTC3209EUF-1 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LTC3209-1/LTC3209-2
9
320912fa
The LTC3209-1 has 6 MAIN outputs, 1 CAM output and 1
AUX output. The LTC3209-2 has 5 MAIN outputs, 2 CAM
outputs and 1 AUX output.
Power Management
The LTC3209-1/LTC3209-2 use a switched capacitor
charge pump to boost CPO to as much as 2 times the input
voltage up to 5.1V. The part starts up in 1x mode. In this
mode, VBAT is connected directly to CPO. This mode
provides maximum efficiency and minimum noise. The
LTC3209-1/LTC3209-2 will remain in 1x mode until a
MAIN or CAM LED current source drops out. Dropout
occurs when a current source voltage becomes too low for
the programmed current to be supplied. When dropout is
detected, the LTC3209-1/LTC3209-2 will switch into 1.5x
mode. The CPO voltage will then start to increase and will
attempt to reach 1.5x VBAT up to 4.6V. Any subsequent
dropout will cause the part to enter the 2x mode. The CPO
voltage will attempt to reach 2x VBAT up to 5.1V. The part
will be reset to 1x mode whenever a DAC data bit is updated
via the I2C port or on the falling edge of the CAMHL signal.
A 2-phase nonoverlapping clock activates the charge
pump switches. In the 2x mode the flying capacitors are
charged on alternate clock phases from VBAT to minimize
input current ripple and CPO voltage ripple. In 1.5x mode
the flying capacitors are charged in series during the first
clock phase and stacked in parallel on VBAT during the
second phase. This sequence of charging and discharging
the flying capacitors continues at a constant frequency of
850kHz.
The currents delivered by the LED current sources are
controlled by an associated DAC. Each DAC is programmed
via the I2C port.
Soft-Start
Initially, when the part is in shutdown, a weak switch
connects VBAT1 to CPO. This allows VBAT1 to slowly charge
the CPO output capacitor and prevent large charging
currents to occur.
The LTC3209-1/LTC3209-2 also employs a soft-start
feature on its charge pump to prevent excessive inrush
current and supply droop when switching into the step-up
modes. The current available to the CPO pin is increased
linearly over a typical period of 125
µs. Soft-start occurs at
the start of both 1.5x and 2x mode changes.
Charge Pump Strength
When the LTC3209-1/LTC3209-2 operate in either 1.5x
mode or 2x mode, the charge pump can be modeled as a
Thevenin-equivalent circuit to determine the amount of
current available from the effective input voltage and
effective open-loop output resistance, ROL (Figure 1).
ROL is dependent on a number of factors including the
switching term, 1/(2fOSC • CFLY), internal switch resis-
tances and the nonoverlap period of the switching circuit.
However, for a given ROL, the amount of current available
will be directly proportional to the advantage voltage of
1.5VBAT - CPO for 1.5x mode and 2VBAT- CPO for 2x mode.
OPERATIO
1.5VBAT OR 2VBAT
ROL
CPO
320912 F01
+
+
Figure 1. Charge Pump Thevenin Equivalent Open-Loop Circuit


Similar Part No. - LTC3209EUF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3209-1 LINER-LTC3209-1_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3209-2 LINER-LTC3209-2_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
More results

Similar Description - LTC3209EUF-1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3209-2 LINER-LTC3209-2_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3209-1 LINER-LTC3209-1_15 Datasheet
261Kb / 20P
   600mA Main/Camera LED Controller
LTC3452 LINER-LTC3452 Datasheet
279Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3452 LINER-LTC3452_15 Datasheet
284Kb / 16P
   Synchronous Buck-Boost MAIN/CAMERA White LED Driver
LTC3217 LINER-LTC3217_15 Datasheet
180Kb / 12P
   600mA Low Noise Multi-LED Camera Light Charge Pumps
LTC3217 LINER-LTC3217 Datasheet
184Kb / 12P
   600mA Low Noise Multi-LED Camera Light Charge Pump
logo
Linear Integrated Syste...
LTC3210EUD-1 LINEAR-LTC3210EUD-1 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210_15 Datasheet
264Kb / 16P
   MAIN/CAM LED Controller in 3mm 3mm QFN
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Linear Technology
LTC3210 LINER-LTC3210 Datasheet
242Kb / 16P
   MAIN/CAM LED Controller in 3mm 횞 3mm QFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com