Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3203BEDD Datasheet(PDF) 5 Page - Linear Technology

Part # LTC3203BEDD
Description  500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3203BEDD Datasheet(HTML) 5 Page - Linear Technology

  LTC3203BEDD Datasheet HTML 1Page - Linear Technology LTC3203BEDD Datasheet HTML 2Page - Linear Technology LTC3203BEDD Datasheet HTML 3Page - Linear Technology LTC3203BEDD Datasheet HTML 4Page - Linear Technology LTC3203BEDD Datasheet HTML 5Page - Linear Technology LTC3203BEDD Datasheet HTML 6Page - Linear Technology LTC3203BEDD Datasheet HTML 7Page - Linear Technology LTC3203BEDD Datasheet HTML 8Page - Linear Technology LTC3203BEDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC3203/LTC3203-1
LTC3203B/LTC3203B-1
5
32031fa
TYPICAL PERFOR A CE CHARACTERISTICS
VFB Set Point vs Supply Voltage
(LTC3203/LTC3203B)
No-Load Input Current vs Supply
Voltage (LTC3203/LTC3203-1)
Extra Input Current vs Load
Current (LTC3203/LTC3203-1)
VIN (V)
2.5
60
80
100
4
5
3203 G10
40
20
0
3
3.5
4.5
120
140
160
5.5
2x MODE
1.5x MODE
Burst Mode Current Threshold
vs Supply Voltage
(LTC3203/LTC3203-1)
VIN (V)
2.5
0
100
200
300
3
3.5
4
4.5
3203 G11
5
400
500
50
150
250
350
450
5.5
2x MODE
1.5x MODE
ILOAD (mA)
0.01
0.01
1
0.1
1
10
100
1000
3209 G12
0.1
10
100
2x MODE
IIN – 2 • ILOAD
1.5x MODE
IIN – 1.5 • ILOAD
Input and Output Ripple
(2x Mode)
Load Transient (1.5x Mode)
Input and Output Ripple
(1.5x Mode)
VFB vs Load Current
(LTC3203/LTC3202B)
Load Transient (2x Mode)
VIN
20mV/DIV
AC-COUPLED
VOUT
20mV/DIV
AC-COUPLED
VIN = 4V
CIN = 2.2µF
COUT = 10µF
IOUT = 300mA
1.5x MODE
500ns/DIV
3203 G13
VIN
20mV/DIV
AC-COUPLED
VOUT
20mV/DIV
AC-COUPLED
VIN = 3.6V
CIN = 2.2µF
COUT = 10µF
IOUT = 300mA
2x MODE
500ns/DIV
3203 G14
VOUT
100mV/DIV
AC-COUPLED
500mA
IOUT
100mA
VIN = 4V
CIN = 2.2µF
COUT = 10µF
1.5x MODE
20
µs/DIV
3203 G15
VOUT
100mV/DIV
AC-COUPLED
500mA
IOUT
100mA
VIN = 3.6V
CIN = 2.2µF
COUT = 10µF
2x MODE
20
µs/DIV
3203 G16
VIN (V)
2.5
0.88
0.89
0.90
0.91
0.92
0.94
3
3.5
4
4.5
3203 G17
5
5.5
0.93
TA = 25°C
TA = –40°C
TA = 85°C
ILOAD (mA)
0
0.82
0.84
0.88
0.90
0.92
0.96
50
250
350
3203 G18
0.86
0.94
200
450 500
100 150
300
400
VIN = 4V
1.5x MODE
VIN = 3.6V
2x MODE


Similar Part No. - LTC3203BEDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3203B LINER-LTC3203B Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B-1 LINER-LTC3203B-1 Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B-1 LINER-LTC3203B-1_15 Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B LINER-LTC3203B_15 Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
More results

Similar Description - LTC3203BEDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3203B LINER-LTC3203B_15 Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203 LINER-LTC3203_15 Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203B-1 LINER-LTC3203B-1_15 Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
LTC3203-1 LINER-LTC3203-1_15 Datasheet
255Kb / 16P
   500mA Output Current Low Noise Dual Mode Step-Up Charge Pumps
logo
Feeling Technology Corp...
FP6290 FEELING-FP6290 Datasheet
796Kb / 12P
   Low-Noise Step-Up Current Mode PWM Converter
FP6292 FEELING-FP6292 Datasheet
524Kb / 13P
   Low-Noise Step-Up Current Mode PWM IC
FP6290H FEELING-FP6290H Datasheet
841Kb / 14P
   Low-Noise Step-Up Current Mode PWM Converter
logo
Linear Technology
LTC3265 LINER-LTC3265 Datasheet
747Kb / 20P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
logo
Feeling Technology Corp...
FP6298 FEELING-FP6298 Datasheet
346Kb / 10P
   Low-Noise 4.5A Step-Up Current Mode PWM Converter
logo
Linear Technology
LTC3265EDHC LINER-LTC3265EDHC Datasheet
703Kb / 8P
   Low Noise Dual Supply with Boost and Inverting Charge Pumps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com