Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC3205EUF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3205EUF
Description  Multidisplay LED Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3205EUF Datasheet(HTML) 4 Page - Linear Technology

  LTC3205EUF Datasheet HTML 1Page - Linear Technology LTC3205EUF Datasheet HTML 2Page - Linear Technology LTC3205EUF Datasheet HTML 3Page - Linear Technology LTC3205EUF Datasheet HTML 4Page - Linear Technology LTC3205EUF Datasheet HTML 5Page - Linear Technology LTC3205EUF Datasheet HTML 6Page - Linear Technology LTC3205EUF Datasheet HTML 7Page - Linear Technology LTC3205EUF Datasheet HTML 8Page - Linear Technology LTC3205EUF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC3205
4
3205f
TYPICAL PERFOR A CE CHARACTERISTICS
2:3 Mode CPO Voltage
vs Load Current
1:1 Mode Switch Resistance
vs Temperature
2:3 Mode Charge Pump Open-
Loop Output Resistance vs
Temperature (3/2VIN – VCPO)/ICPO
TEMPERATURE (
°C)
–40
0.8
0.9
60
3205 G04
0.7
0.6
–15
10
35
85
1.0
ICPO = 100mA
VIN = 3.3V
VIN = 3.9V
VIN = 3.6V
TEMPERATURE (
°C)
–40
2.0
2.2
2.4
2.6
2.8
3.0
3.2
–15
10
35
60
3205 G05
85
VIN = 3V
VCPO = 4.2V
CIN = CCPO = CFLY1 = CFLY2 = 1µF
LOAD CURRENT (mA)
0
4.4
4.6
4.8
200
3205 G06
4.2
4.0
4.3
4.5
4.7
4.1
3.9
3.8
50
100
150
250
VIN = 3.6V
VIN = 3.4V
VIN = 3.0V
VIN = 3.3V
VIN = 3.2V
VIN = 3.1V
TA = 25°C
VIN = 3.5V
2:3 Mode CPO Voltage in
Current Limit
DVCC Shutdown Current
vs DVCC
DVCC VOLTAGE (V)
2.7
0
0.1
0.2
0.3
0.4
0.5
3.0
3.3
3.6
3.9
3205 G08
4.2
4.5
VIN = DVCC
TA = –40°C
TA = 85°C
TA = 25°C
VIN Shutdown Current
vs Input Voltage
VIN INPUT VOLTAGE (V)
2.7
0
0.2
0.4
0.6
0.8
1.0
3.0
3.3
3.6
3.9
3205 G09
4.2
4.5
DVCC = VIN
TA = –40°C
TA = 85°C
TA = 25°C
2:3 Mode Supply Current
vs ICPO (IIN – 3/2ICPO)
LOAD CURRRENT (mA)
0
0
1
3
4
5
10
7
50
100
3205 G10
2
8
9
6
150
200
VIN = 3.6V
TA = 25°C
INPUT VOLTAGE (V)
2.7
50
60
70
80
90
3
3.3
3.6
3.9
3205 G12
4.2
4.5
TA = 25°C
IMS = IRGB = 0µA
1:1 Mode No Load Supply Current
vs VIN
Oscillator Frequency
vs VIN Voltage
VIN VOLTAGE (V)
2.7
600
700
800
900
1000
3.0
3.3
3.6
3.9
3205 G07
4.2
4.5
TA = –40°C
TA = 85°C
TA = 25°C
LOAD CURRENT (mA)
0
0
0.5
1.0
1.5
2.5
3.5
4.5
2.0
3.0
4.0
5.0
100
300
3205 G13
600
200
500
400
VIN = 4.2V
TA = 25°C


Similar Part No. - LTC3205EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3205 LINER-LTC3205 Datasheet
2Mb / 20P
   Dual 1.3A White LED Step-Up Converters with Wide Dimming
LTC3205 LINER-LTC3205_15 Datasheet
257Kb / 16P
   Multidisplay LED Controller
More results

Similar Description - LTC3205EUF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3205 LINER-LTC3205_15 Datasheet
257Kb / 16P
   Multidisplay LED Controller
LTC3206 LINER-LTC3206 Datasheet
204Kb / 16P
   I2C Multidisplay LED Controller
LTC3206 LINER-LTC3206_15 Datasheet
214Kb / 16P
   I2C Multidisplay LED Controller
LTC3208 LINER-LTC3208 Datasheet
340Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
LTC3208 LINER-LTC3208_15 Datasheet
346Kb / 24P
   High Current Software Confi gurable Multidisplay LED Controller
logo
ELM Technology Corporat...
ELM916DA ELM-TECH-ELM916DA Datasheet
602Kb / 6P
   450V LED controller
logo
Infineon Technologies A...
ICL8002G INFINEON-ICL8002G Datasheet
1Mb / 22P
   LED Controller IC
Rev1.0, 2012-02-28
logo
ELM Technology Corporat...
ELM916DB ELM-TECH-ELM916DB Datasheet
891Kb / 6P
   600V LED controller
logo
Shenzhen Huazhimei Semi...
HM1642 HMSEMI-HM1642 Datasheet
672Kb / 7P
   LED Drive controller
logo
Unisonic Technologies
UL22 UTC-UL22 Datasheet
411Kb / 13P
   LED DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com