Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2970CUFD-1-TRPBF Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2970CUFD-1-TRPBF
Description  Dual I2C Power Supply Monitor and Margining Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2970CUFD-1-TRPBF Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2970CUFD-1-TRPBF Datasheet HTML 4Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 5Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 6Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 7Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 8Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 9Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 10Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 11Page - Linear Technology LTC2970CUFD-1-TRPBF Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
LTC2970/LTC2970-1
8
29701fc
TEMPERATURE (°C)
–50
256.2
256.4
256.6
256.8
257.0
257.4
–25
025
50
29701 G10
75
100
257.2
IDAC CODE = 'hff
RIOUT = 13kΩ
TEMPERATURE ( C)
–50
1.590
1.595
1.600
1.605
1.610
1.620
–25
025
50
29701 G11
75
100
1.615
IDAC CODE = 'h00
CURRENT (mA)
0
3.496
3.498
3.500
–8
29701 G12
3.494
3.492
3.490
–2
–4
–6
–10
25 C
–45 C
90 C
VIOUTn = 3.5V
CURRENT (mA)
0
0.25
0.30
0.35
8
29701 G13
0.20
0.15
246
10
0.10
0.05
0
90 C
25 C
–45 C
VIOUT = 0.1V
1 s PER DIVISION
29701 G14
100k
SERIES RESISTANCE ON VOUTn
RIOUT = 10k
CODE 'h7f
CODE 'h80
5 s PER DIVISION
29701 G15
100k
SERIES RESISTANCE ON VOUTn
RIOUT = 10k
CODE 'h80
CONNECTED
HIGH-Z
10 s PER DIVISION
29701 G16
100k
SERIES RESISTANCE ON VOUTn
RIOUT = 10k
HIGH-Z
CONNECTED
TEMPERATURE ( C)
–50
–1.5
–1.0
–0.5
0
0.5
1.5
–25
025
50
29701 G17
75
100
1.0
TEMPERATURE ( C)
–50
4.945
4.944
4.943
4.942
4.941
4.940
4.939
4.938
25
75
29701 G18
–25
0
50
100
V12VIN = 12V
IVDD = 0A
IDAC Output Current
vs Temperature
VOUTn Offset Voltage
vs Temperature
Voltage Buffered IDAC Load
Regulation Sourcing
Voltage Buffered IDAC Load
Regulation Sinking
Voltage Buffered IDAC Transient
Response to 1LSB DAC Code Change
Voltage Buffered IDAC Soft-
Connect Transient Response
Voltage Buffered IDAC Transient
Response During Transition from
On State to High-Z State
Temperature Sensor Error
vs Temperature
VDD Regulator Output Voltage
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS


Similar Part No. - LTC2970CUFD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970CUFD-1 LINER-LTC2970CUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970CUFD-1 LINER-LTC2970CUFD-1 Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
More results

Similar Description - LTC2970CUFD-1-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2970 LINER-LTC2970_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970-1 LINER-LTC2970-1_15 Datasheet
876Kb / 38P
   Dual I2C Power Supply Monitor and Margining Controller
LTC2970IUFD LINER-LTC2970IUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2970CUFD LINER-LTC2970CUFD Datasheet
372Kb / 36P
   Dual I2C Power Supply Monitor and
LTC2920-1 LINER-LTC2920-1 Datasheet
160Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-2 LINER-LTC2920-2_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
LTC2920-1 LINER-LTC2920-1_15 Datasheet
171Kb / 16P
   Single/Dual Power Supply Margining Controller
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Intersil Corporation
ISL28023 INTERSIL-ISL28023 Datasheet
2Mb / 55P
   Precision Digital Power Monitor with Margining
March 18, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com