Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2954 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2954
Description  Push Button On/Off Controller with 關P Interrupt
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2954 Datasheet(HTML) 3 Page - Linear Technology

  LTC2954 Datasheet HTML 1Page - Linear Technology LTC2954 Datasheet HTML 2Page - Linear Technology LTC2954 Datasheet HTML 3Page - Linear Technology LTC2954 Datasheet HTML 4Page - Linear Technology LTC2954 Datasheet HTML 5Page - Linear Technology LTC2954 Datasheet HTML 6Page - Linear Technology LTC2954 Datasheet HTML 7Page - Linear Technology LTC2954 Datasheet HTML 8Page - Linear Technology LTC2954 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2954
3
2954f
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 2.7V to 26.4V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IPB
PB Input Current
2.5V < VPB < 26.4V
VPB = 1V
VPB = 0.6V
–1
–3
–6
–9
±1
–12
–15
µA
µA
µA
VPB(VTH)
PB Input Threshold
PB Falling
0.6
0.8
1
V
VPB(VOC)
PB Open Circuit Voltage
IPB = –1µA
1
1.6
2
V
tEN, Lock Out
EN/EN Lock Out Time (Note 5)
Enable Released → Enable Asserted
200
256
325
ms
IEN(LKG)
EN/EN Leakage Current
VEN/EN = 1V, Sink Current Off
VEN/EN = 26.4V, Sink Current Off
±0.1
±1
µA
µA
VEN(VOL)
EN/EN Voltage Output Low
IEN/EN = 500µA
0.11
0.4
V
Power On Timing Pin (ONT)
IONT(PU)
ONT Pull Up Current
VONT = 0V
–2.4
–3
–3.6
µA
IONT(PD)
ONT Pull Down Current
VONT = 1.3V
2.4
3
3.6
µA
tDB, ON
Internal Turn On Debounce Time
ONT Pin Float, PB Falling → Enable Asserted
26
32
41
ms
tONT
Additional Adjustable Turn On Time CONT = 1500pF
9
11.5
13.5
ms
Power Down Timing Pin (PDT)
IPDT(PU)
PDT Pull Up Current
VPDT = 0V
–2.4
–3
–3.6
µA
IPDT(PD)
PDT Pull Down Current
VPDT = 1.3V
2.4
3
3.6
µA
tDB, OFF
Turn Off Interrupt Debounce Time
PB Falling → INT Falling
26
32
41
ms
tPD, Min
Internal PB Power Down
DebounceTime (Note 4)
PDT Pin Float, PB Falling → Enable Released
52
64
82
ms
tPDT
Additional Adjustable PB Power
Down Debounce Time
CPDT = 1500pF
9
11.5
13.5
ms
tINT, Min
Minimum INT Pulse Width
INT Asserted → INT Released
26
32
41
ms
tINT, Max
Maximum INT Pulse Width
CPDT = 1500pF, INT Asserted → INT Released
35
43.5
54.5
ms
µP Handshake Pins (INT, KILL)
IINT(LKG)
INT Leakage Current
VINT = 3V
±1
µA
VINT(VOL)
INT Output Voltage Low
IINT = 3mA
0.11
0.4
V
VKILL(TH)
KILL Input Threshold Voltage
KILL Falling
0.57
0.6
0.63
V
VKILL(HYST)
KILL Input Threshold Hysteresis
10
30
50
mV
IKILL(LKG)
KILL Leakage Current
VKILL = 0.6V
±0.1
µA
tKILL(PW)
KILL Minimum Pulse Width
30
µs
tKILL(PD)
KILL Propagation Delay
KILL Falling → Enable Released
30
µs
tKILL, On Blank
KILL Turn On Blanking (Note 3)
KILL = Low, Enable Asserted → Enable Released
400
512
650
ms
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The KILL turn on blanking timer period is the waiting period
immediately after the enable output is asserted. This blanking time allows
sufficient time for the DC/DC converter and the µP to perform power up
tasks. The KILL and PB inputs are ignored during this period. If KILL remains
low at the end of this time period, the enable output is released, thus turning
off system power. This time delay does not include tDB, ON or tONT.
Note 4: To manually force an immediate release of the EN/EN pin, the push
button input must be held low for at least tPD,Min (internal default power
down timer) + tPDT (adjustable by placing external capacitor at PDT pin).
Note 5: The enable lock out time is designed to allow an application to
properly power down such that the next power up sequence starts from a
consistent powered down configuration. PB is ignored during this lock out
time. This time delay does not include tDB, ON or tONT.
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC2954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
452Kb / 18P
   Pushbutton On/Off Controller with P Interrupt
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
   Pushbutton On/Off Controller with P Interrupt
More results

Similar Description - LTC2954

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
LTC2954 LINER-LTC2954_15 Datasheet
452Kb / 18P
   Pushbutton On/Off Controller with P Interrupt
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Linear Technology
LTC2952 LINER-LTC2952 Datasheet
333Kb / 28P
   Push Button PowerPathTM Controller with Supervisor
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com