Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1841 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1841
Description  High Efficiency 1.5X charge Pump For White LEDs Backlighting
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1841 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1841 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1841 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AIC1841/2
2
TYPICAL APPLICATION CIRCUIT
C1+
C1-
VIN
OUT
EN/SET
GND
D4
D3
D2
D1
C2-
C2+
4
5
10
6
11
9
3
2
1
12
8
7
AIC1841
CFLY1
1uF
CFLY2
1uF
Cin
1uF
Cout
1uF
LED1
LED2
LED3
LED4
VIN 2.7V~5.5V
C1+
C1-
VIN
OUT
EN/SET
GND
NC
NC
D6
D5
D4
D3
D2
D1
C2-
C2+
6
7
14
9
15
12
8
13
5
4
3
2
1
16
11
10
AIC1842
CFLY1
1uF
C FLY2
1uF
Cin
1uF
Cout
1uF
LED1
LED2
LED3
LED4
LED5
LED6
VIN 2.7V~5.5V


Similar Part No. - AIC1841

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
List of Unclassifed Man...
AIC1845 ETC2-AIC1845 Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
AIC1845CG ETC2-AIC1845CG Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
AIC1845CGBG ETC2-AIC1845CGBG Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
AIC1845CGTR ETC2-AIC1845CGTR Datasheet
687Kb / 13P
   Regulated 5V Charge Pump In SOT-23
More results

Similar Description - AIC1841

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1843 AIC-AIC1843 Datasheet
543Kb / 14P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Advanced Analogic Techn...
AAT3194 ANALOGICTECH-AAT3194_08 Datasheet
1Mb / 12P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B Datasheet
265Kb / 15P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3151B ANALOGICTECH-AAT3151B_08 Datasheet
295Kb / 13P
   High Efficiency 1X/1.5X Charge Pump For White LED Applications
AAT3132 ANALOGICTECH-AAT3132 Datasheet
220Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump for White LED Applications
AAT3194 ANALOGICTECH-AAT3194 Datasheet
312Kb / 14P
   High Efficiency 1.5X Fractional Charge Pump For White LED Applications
logo
Sipex Corporation
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
   High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analogic Techn...
AAT3123 ANALOGICTECH-AAT3123 Datasheet
321Kb / 18P
   High Efficiency 1X/1.5X Fractional Charge Pump for White LED Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com