Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1529 Datasheet(PDF) 3 Page - Analog Intergrations Corporation

Part # AIC1529
Description  Quad USB High-Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1529 Datasheet(HTML) 3 Page - Analog Intergrations Corporation

  AIC1529 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1529 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
AIC1529
3
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VIN)
7.0V
Fault Flag Voltage (VFLG)
7.0V
Fault Flag Current (IFLG)
50mA
Control Input (VCTL)
-0.3V ~7V
Operating Temperature Range
-40°C~85°C
Storage Temperature Range
-65°C ~ 150°C
Thermal Resistance,
θJA (Junction to Ambient) DIP-16
100°C/W
(Assume no Ambient Airflow, no Heatsink)
SOP-16
160°C/W
Junction Temperature Range
125°C
Lead Temperature (Soldering 10 sec)
260°C
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
O FF
O N
C TLA
FLG A
FLG B
O U TA
IN (A/B )
G N D
C TLB
C TLC
FLG C
C TLD
FLG D
O U TB
O U TC
IN (C /D )
G N D
O U TD
A IC1 5 2 9
0.1 µF
10K
10Ω
+5V
(For output reference only)


Similar Part No. - AIC1529

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1520 AIC-AIC1520 Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CX AIC-AIC1520CX Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1520CZ AIC-AIC1520CZ Datasheet
212Kb / 7P
   Single High-Side Power Switch
AIC1521 AIC-AIC1521 Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
AIC1521-0CO AIC-AIC1521-0CO Datasheet
178Kb / 9P
   Single High-Side Power Switch With Control Function
More results

Similar Description - AIC1529

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1527 AIC-AIC1527 Datasheet
158Kb / 8P
   Quad USB High-Side Power Switch
logo
Silicon Standard Corp.
SS6527 SSC-SS6527 Datasheet
508Kb / 9P
   Quad USB High-Side Power Switch
logo
IMP, Inc
IMP2524 IMP-IMP2524 Datasheet
117Kb / 4P
   Quad USB High-Side Power Switch with Fault Detection
logo
Renesas Technology Corp
PD16874 RENESAS-PD16874_15 Datasheet
240Kb / 22P
   QUAD Pch HIGH-SIDE SWITCH FOR USB
logo
Sipex Corporation
SP2525A SIPEX-SP2525A Datasheet
234Kb / 9P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5520H RICOH-R5520H Datasheet
166Kb / 14P
   USB HIGH-SIDE POWER SWITCH
logo
Silicon Standard Corp.
SS6520 SSC-SS6520 Datasheet
505Kb / 7P
   USB High-Side Power Switch
SS6525 SSC-SS6525 Datasheet
529Kb / 9P
   USB High-Side Power Switch
logo
Analog Intergrations Co...
AIC1525 AIC-AIC1525 Datasheet
158Kb / 10P
   USB High-Side Power Switch
logo
RICOH electronics devic...
R5523N RICOH-R5523N Datasheet
332Kb / 12P
   USB HIGH-SIDE POWER SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com