Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AIC1384 Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1384
Description  DDR Termination Regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1384 Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1384 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 12Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 13Page - Analog Intergrations Corporation AIC1384 Datasheet HTML 14Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
AIC1384
10
APPLICATION INFORMATION
The AIC1384 linear termination regulator is
designed to meet JEDEC requirements of DDR-
SDRAM (DDRⅠ/Ⅱ). The VTT is able to deliver
sinking and sourcing current while regulating the
voltage equal to VDDQ/2. The output stage
includes a sense function to maintain excellent
load regulation to prevent shoot through. The
power part has two distinct rails that split the
internal analog circuitry from power output stage,
which
results
in
reducing
internal
power
disspation.
Series Stub Termination Logic (SSTL) was
created to improve signal integrity of the data
transmission across the memory bus. This
termination scheme is necessary to prevent data
error from signal reflections while transmitting at
high frequencies encountered with DDR-SDRAM.
The achievement of single parallel termination
can be seen as below figure.
RT
RS
Memory
VTT
VIN
ChipSet
VREF
Between the chipset and memory are one RS
series resistor and one RT termination resistor.
Both RS and RT are 25 Ohms typically; they can
be altered to scale the current requirements from
the AIC1384.
AVIN and PVIN
AVIN and PVIN have the ability to work with
separate supplies depending on the application.
Higher
PVIN
will
increase
the
maximum
continuous output current resulting from output
RDS-ON limitations at voltages close to VTT.
Oppositely, the internal power dissipation will also
increase at high PVIN. Connect AVIN and PVIN
together with 2.5V is a good compromise in
SSTL-2 applications. This reduces the need for
bypassing two supply pins separately. For the
safe operation of the system; AVIN must always
exceed or equal to PVIN.
VDDQ
VDDQ is used to make internal reference voltage
for regulating VTT. And VTT will track VDDQ/2
precisely because of internal resistor divider. For
SSTL-2 application, connect VDDQ to the 2.5V
rail directly at the DIMM instead of AVIN and
PVIN to achieve that reference voltage tracks the
DDR memory rails accurately without a voltage
drop from power lines.
VSENSE
The sense pin is used to improve remote load
regulation. The termination resistors in most
motherboards connect to VTT with a long trace
that will cause a significant voltage drop. The
VSENSE pin can improve that a lower termination
voltage at one end of the bus than the other by
connecting it to the middle of the bus. If a long
VSENSE trace is implemented close to the memory,
noise pickup can be a problem in precise
regulation of VTT. A small 0.1µF ceramic capacitor
can be used for filtering noise. VSENSE pin must
still tie to VTT if remote load regulation is not used.
VREF
VREF provides the buffered output of the internal
VDDQ/2 reference voltage. It can be used to
support the reference voltage for the Northbridge
chipset and memory. The VREF remains active
during the shutdown state and thermal shutdown
for the Suspend to RAM functionality. A bypass
capacitor, located close to the VREF pin, can be
used to improve performance. Ranging from


Similar Part No. - AIC1384

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC1383 ETC-AIC1383 Datasheet
473Kb / 7P
   1.5 TERMINATION REGULATOR
logo
Analog Intergrations Co...
AIC1383B AIC-AIC1383B Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
AIC1383BCE5TR AIC-AIC1383BCE5TR Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
AIC1383BCM5TR AIC-AIC1383BCM5TR Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
AIC1383BCSTR AIC-AIC1383BCSTR Datasheet
512Kb / 9P
   3A TERMINATION REGULATOR
More results

Similar Description - AIC1384

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR5595 UTC-UR5595_09 Datasheet
295Kb / 12P
   DDR TERMINATION REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ2995 HTC-TJ2995 Datasheet
632Kb / 9P
   DDR Termination Regulator
logo
E-Tech Electronics LTD
UR5596 ETL-UR5596 Datasheet
218Kb / 12P
   DDR TERMINATION REGULATOR
logo
Texas Instruments
LP2998 TI1-LP2998 Datasheet
2Mb / 33P
[Old version datasheet]   DDR Termination Regulator
logo
Richtek Technology Corp...
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
logo
Unisonic Technologies
UR5595 UTC-UR5595 Datasheet
312Kb / 12P
   DDR TERMINATION REGULATOR
logo
Richtek Technology Corp...
RT9089A RICHTEK-RT9089A Datasheet
195Kb / 10P
   DDR Termination Regulator
logo
HTC Korea TAEJIN Techno...
TJ2997 HTC-TJ2997 Datasheet
410Kb / 13P
   DDR Termination Regulator
logo
Global Mixed-mode Techn...
G2997 GMT-G2997_15 Datasheet
148Kb / 2P
   DDR Termination Regulator
G2995 GMT-G2995_15 Datasheet
185Kb / 2P
   DDR Termination Regulator
G2993 GMT-G2993 Datasheet
232Kb / 10P
   DDR Termination Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com