Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HPS10S-A5R-064 Datasheet(PDF) 5 Page - Emerson Network Power

Part # HPS10S-A5R-064
Description  HPS10/12/15 Series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

HPS10S-A5R-064 Datasheet(HTML) 5 Page - Emerson Network Power

  HPS10S-A5R-064 Datasheet HTML 1Page - Emerson Network Power HPS10S-A5R-064 Datasheet HTML 2Page - Emerson Network Power HPS10S-A5R-064 Datasheet HTML 3Page - Emerson Network Power HPS10S-A5R-064 Datasheet HTML 4Page - Emerson Network Power HPS10S-A5R-064 Datasheet HTML 5Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
156
Technical Support: (888) 41-ASTEC or (407) 241-2752
Americas: (760) 930-4600
Europe (UK) 44 (1384) 842-211
Asia (HK) 852-2437-9662
PS1
Pin No. Function
J21-1
+V Anode ( module present )
J21-2
AC OK collector
J21-3
I monitor return
J21-4
Op amp / Sync / Fan Fail Signal
J21-5
Enable / Inhibit (isolated)
J21-6
Enable / DC OK / Temp OK / Fan Fail RTN
J21-7
Margin Program
J21-8
+ Sense Vout
J21-9
N/C
J21-20
AC ok emitter
J21-21
Ext bias
J21-22
I monitor
J21-23
Temp OK
J21-24
DC OK (isolated)
J21-25
Margin high
J21-26
- Sense Vout
J21-27
N/C
J21-28
N/C
J21 Control Connector for PS1 & PS2 (Slot 1 & 2)
PS3
Pin No. Function
J20-1
+V Anode ( module present )
J20-2
AC OK collector
J20-3
I monitor return
J20-4
Op amp / Sync / Fan Fail Signal
J20-5
Enable / Inhibit (isolated)
J20-6
Enable / DC OK/ Temp OK / Fan Fail RTN
J20-7
Margin Program
J20-8
+ Sense Vout
J20-9
N/C
J20-20
AC ok emitter
J20-21
Ext bias
J20-22
I monitor
J20-23
Temp OK
J20-24
DC OK (isolated)
J20-25
Margin high
J20-26
- Sense Vout
J20-27
N/C
J20-28
N/C
J20 Control Connector for PS3 & PS4 (Slot 3 & 4)
PS2
Pin No. Function
J21-10
+V Anode ( module present )
J21-11
AC OK collector
J21-12
I monitor return
J21-13
Op amp / Sync / Fan Fail Signal
J21-14
Enable / Inhibit (isolated)
J21-15
Enable / DC OK / Temp OK / Fan Fail RTN
J21-16
Margin Program
J21-17
+ Sense Vout
J21-18
N/C
J21-19
N/C
J21-29
AC OK emitter
J21-30
Ext bias
J21-31
I monitor
J21-32
Temp OK
J21-33
DC OK (isolated)
J21-34
Margin high
J21-35
- Sense Vout
J21-36
N/C
J21-37
N/C
PS4
Pin No. Function
J20-10
+V anode ( module present )
J20-11
AC OK collector
J20-12
I monitor return
J20-13
Op amp / Sync / Fan Fail Signal
J20-14
Enable / Inhibit (isolated)
J20-15
Enable / DC OK / Temp OK / Fan Fail RTN
J20-16
Margin Program
J20-17
+ Sense Vout
J20-18
N/C
J20-19
N/C
J20-29
AC OK emitter
J20-30
Ext bias
J20-31
I monitor
J20-32
Temp OK
J20-33
DC OK (isolated)
J20-34
Margin high
J20-35
- Sense Vout
J20-36
N/C
J20-37
N/C
J22 SSense C
Connector
Pin No. Function
J22-1
-Sense Vout
J22-2
N/C
J22-3
Enable / Inhibit gnd
J22-4
N/C
J22-5
N/C
J22-6
SWP
J22-7
+Sense Vout
J22-8
Enable / Inhibit
J22-9
N/C
HPR3 -000 PPin A
Assignments


Similar Part No. - HPS10S-A5R-064

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10S-N3N000 ASTEC-HPS10S-N3N000 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS10S-N3N001 ASTEC-HPS10S-N3N001 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS10S-N3N002 ASTEC-HPS10S-N3N002 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS10S-N3N004 ASTEC-HPS10S-N3N004 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
HPS10S-N3R000 ASTEC-HPS10S-N3R000 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
More results

Similar Description - HPS10S-A5R-064

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
HPS10 ASTEC-HPS10 Datasheet
1Mb / 5P
   1000-6000 Watts HPS10/12/15 Series
logo
XP Power Limited
JCG1512S12 XPPOWER-JCG1512S12 Datasheet
131Kb / 2P
   12/15 Watts JCG Series
logo
Lite-On Technology Corp...
PA-1650-58 LITEON-PA-1650-58 Datasheet
390Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
PA-1450-50 LITEON-PA-1450-50 Datasheet
412Kb / 3P
   Industrial Adapter Power Delivery 5/9/12/15/20V Series
logo
AAEON Technology
OMNI-315M AAEON-OMNI-315M Datasheet
495Kb / 2P
   15” Touch Display Monitor, DC 12~30V
logo
Analog Devices
ADG1334 AD-ADG1334 Datasheet
317Kb / 12P
   Quad SPDT -15 V/12 V Switches
Rev. 0
ADG1313 AD-ADG1313_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
ADG1312 AD-ADG1312_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
logo
WAGO Kontakttechnik Gmb...
756-3201-120-150 WAGO-756-3201-120-150 Datasheet
100Kb / 3P
   Connecting cable; 12-pole; Length: 15 m
logo
Analog Devices
ADG1311 AD-ADG1311_15 Datasheet
279Kb / 12P
   15 V/12 V Quad SPST Switches
REV. A
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com