Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2935CDC-2-TRPBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2935CDC-2-TRPBF
Description  Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2935CDC-2-TRPBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2935CDC-2-TRPBF Datasheet HTML 3Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 9Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 10Page - Linear Technology LTC2935CDC-2-TRPBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
LTC2935
7
2935f
APPLICATIONS INFORMATION
VOLTAGE MONITORING
Unmanaged power can cause various system problems.
At power-up, voltage fluctuation around critical thresholds
can cause improper system or processor initialization.
The LTC2935 provides power management capabilities
for the system power-up phase. The supervisory device
issues a system reset after the monitored voltage has
stabilized. Built-in hysteresis and filtering ensures that
fluctuations due to load transients or supply noise do
not cause chattering of the status outputs. Comparator
undervoltage glitch immunity is shown in the Typical
Performance Characteristics section. The curve dem-
onstrates the transient amplitude and width required to
switch the comparators.
Because many batteries exhibit large series resistance,
load currents can cause significant voltage drops. The
low DC current draw of the LTC2935 (at any input volt-
age) does not add to the loading problem. When voltage
is initially applied to VCC, RST and PFO pull low once there
is enough voltage to turn on the pull-down devices (1V
maximum).
If the monitored supply voltage falls to the power-fail
threshold, the built-in power-fail comparator pulls PFO
low. At this point, there remains 150mV of voltage mar-
gin before the RST output pulls low. PFO remains low
until VCC rises above the power-fail threshold plus 2.5%
hysteresis. PFO is typically used to signal preparation for
controlled shutdown. For example, the PFO output may
be connected to a processor nonmaskable interrupt. Upon
interrupt, the processor may begin shutdown procedures.
Shutdown events may include supply sequencing and/or
storage/erasure of system state in nonvolatile memory.
If the monitored voltage drops below the reset threshold,
RSTpullslowuntilVCCrisesabovetheresetthresholdplus
5% hysteresis. This may occur through battery charging
or replacement. An internal reset timer delays the return
of the RST output to a high state to provide settling and
initialization time. The RST output is typically connected
to a processor reset input.
Few, if any external components are necessary for reliable
operation. However, a decoupling capacitor between VCC
and ground is recommended (0.01μF minimum).
Threshold Configuration
The LTC2935 monitors and compares the VCC voltage
against two internal thresholds during operation. The
higher threshold (power-fail) is the level used for early
warning of a low voltage condition, reported on the PFO
output. The lower threshold (reset) is the level at which
the RST output pulls low. Use system requirements to
choose the appropriate reset threshold from Table 1. The
power-fail threshold is always 150mV higher than the
configured reset threshold. Set the threshold selection
inputs (S2, S1, S0) accordingly.
Table 1. Falling Threshold Selection
RESET
THRESHOLD
(V)
POWER-FAIL
THRESHOLD
(V)
S2
S1
S0
3.30
3.45
Low
Low
Low
3.15
3.30
Low
Low
High
3.00
3.15
Low
High
High
2.85
3.00
Low
High
Low
2.70
2.85
High
High
Low
2.55
2.70
High
Low
Low
2.40
2.55
High
Low
High
2.25
2.40
High
High
High


Similar Part No. - LTC2935CDC-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2935 LINER-LTC2935 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
More results

Similar Description - LTC2935CDC-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2935 LINER-LTC2935_15 Datasheet
144Kb / 12P
   Ultra-Low Power Supervisor with Power-Fail Output, Selectable Thresholds
LTC2934 LINER-LTC2934_15 Datasheet
182Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2934 LINER-LTC2934 Datasheet
174Kb / 12P
   Ultra-Low Power Adjustable Supervisor with Power-Fail Output
LTC2915 LINER-LTC2915_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2915 LINER-LTC2915 Datasheet
143Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2916 LINER-LTC2916_15 Datasheet
150Kb / 12P
   Voltage Supervisor with 27 Selectable Thresholds
LTC2918 LINER-LTC2918_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
LTC2917 LINER-LTC2917_15 Datasheet
166Kb / 16P
   Voltage Supervisor with 27 Selectable Thresholds and Watchdog Timer
logo
Texas Instruments
LM3704 TI1-LM3704 Datasheet
396Kb / 18P
[Old version datasheet]   Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
TPS3839A09 TI1-TPS3839A09 Datasheet
227Kb / 11P
[Old version datasheet]   Ultra-Low Power, Supply Voltage Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com