Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2950CDDB-2-TRPBF Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2950CDDB-2-TRPBF
Description  Push Button On/Off Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2950CDDB-2-TRPBF Datasheet(HTML) 3 Page - Linear Technology

  LTC2950CDDB-2-TRPBF Datasheet HTML 1Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 2Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 3Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 4Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 5Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 6Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 7Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 8Page - Linear Technology LTC2950CDDB-2-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC2950-1/LTC2950-2
3
295012fb
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25C. VIN = 2.7V to 26.4V, unless otherwise noted. (Note 2)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN
Supply Voltage Range
Steady State Operation
2.7
26.4
V
IIN
VIN Supply Current
System Power On, VIN = 2.7V to 24V
612
μA
VUVL
VIN Undervoltage Lockout
VIN Falling
2.2
2.3
2.4
V
VUVL(HYST)
VIN Undervoltage Lockout
Hysteresis
50
300
600
mV
Push Button Pin (PB)
VPB(MIN, MAX)
PB Voltage Range
Single-Ended
–1
26.4
V
IPB
PB Input Current
2.5V < VPB < 26.4V
VPB = 1V
VPB = 0.6V
–1
–3
–6
–9
±1
–12
–15
μA
μA
μA
VPB(VTH)
PB Input Threshold
PB Falling
0.6
0.8
1
V
VPB(VOC)
PB Open Circuit Voltage
IPB = –1μA
1
1.6
2
V
Debounce Timing Pins (ONT, OFFT)
IONT, OFFT(PU)
ONT/OFFT Pull Up Current
VONT, OFFT = 0V
–2.4
–3
–3.6
μA
IONT, OFFT(PD)
ONT/OFFT Pull Down Current
VONT, OFFT = 1.3V
2.4
3
3.6
μA
tDB, On
Internal Turn On Debounce Time
ONT Pin Float, PB Falling
→ Enable Asserted
26
32
41
ms
tONT
Additional Adjustable Turn On Time CONT = 1500pF
9
11.5
13.5
ms
tDB, Off
Internal Turn Off Debounce Time
OFFT Pin Float, PB Falling
→ INT Falling
26
32
41
ms
tOFFT
Additional Adjustable Turn Off Time COFFT = 1500pF
9
11.5
13.5
ms
μP Handshake Pins (INT, KILL)
IINT(LKG)
INT Leakage Current
VINT = 3V
±1
μA
VINT(VOL)
INT Output Voltage Low
IINT = 3mA
0.11
0.4
V
VKILL(TH)
KILL Input Threshold Voltage
KILL Falling
0.57
0.6
0.63
V
VKILL(HYST)
KILL Input Threshold Hysteresis
10
30
50
mV
IKILL(LKG)
KILL Leakage Current
VKILL = 0.6V
±0.1
μA
tKILL(PW)
KILL Minimum Pulse Width
30
μs
tKILL(PD)
KILL Propagation Delay
KILL Falling → Enable Released
30
μs
tKILL, On Blank
KILL Turn On Blanking (Note 3)
KILL = Low, Enable Asserted → Enable Released
400
512
650
ms
tKILL, Off Delay
KILL Turn Off Delay (Note 4)
KILL = High, INT Asserted → Enable Released
800
1024
1300
ms
tEN/EN, Lock Out
EN/EN Lock Out Time (Note 5)
Enable Released
→ Enable Asserted
200
256
325
ms
IEN/EN(LKG)
EN/EN Leakage Current
VEN/EN = 1V, Sink Current Off
±0.1
μA
VEN/EN(VOL)
EN/EN Voltage Output Low
IEN/EN = 3mA
0.11
0.4
V
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: The KILL turn on blanking timer period is the waiting period
immediately after the enable output is asserted. This blanking time allows
sufficient time for the DC/DC converter and the μP to perform power up tasks.
The KILL and PB inputs are ignored during this period. If KILL remains low
at the end of this time period, the enable output is released, thus turning off
system power. This time delay does not include tDB, ON or tONT.
Note 4: The KILL turn off delay is the maximum delay from the initiation
of a shutdown sequence (INT falling), to the release of the enable output.
If the KILL input switches low at any time during this period, enable is
released, thus turning off system power. This time is internally fixed at
1024ms. This time delay does not include tDB, OFF or tOFFT.
Note 5: The enable lock out time is designed to allow an application to
properly power down such that the next power up sequence starts from a
consistent powered down configuration. PB is ignored during this lock out
time. This time delay does not include tDB, ON or tONT.


Similar Part No. - LTC2950CDDB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2950CDDB-2 LINER-LTC2950CDDB-2 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
More results

Similar Description - LTC2950CDDB-2-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
   Push Button Reboot Controller
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
   30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com