Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC295ICDDB-1-TRMPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC295ICDDB-1-TRMPBF
Description  Push Button On/Off Controller
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC295ICDDB-1-TRMPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC295ICDDB-1-TRMPBF Datasheet HTML 1Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 2Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 3Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 4Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 5Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 6Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 7Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 8Page - Linear Technology LTC295ICDDB-1-TRMPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2950-1/LTC2950-2
1
295012fb
Turn On Debounce
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
EN
2V/DIV
PB
10ms/DIV
2950 TA01b
Push Button On/Off
Controller
The LTC
®2950 is a micropower, wide input voltage range,
push button ON/OFF controller. The part contains a push
button input with independently programmable ON and OFF
debounce times that control the toggling of an open drain
enable output. The part also contains a simple micropro-
cessor interface to allow for proper system housekeeping
prior to power down. Under system fault conditions, an
internal KILL timer ensures proper power down.
The LTC2950 operates over a wide 2.7V to 26V input
voltage range to accommodate a wide variety of input
power supplies. Very low quiescent current (6μA typical)
makes the LTC2950 ideally suited for battery powered
applications. Two versions of the part are available to ac-
commodate either positive or negative enable polarities.
The parts are available in either 8-lead 3mm
× 2mm DFN
or ThinSOT packages.
Portable Instrumentation Meters
Blade Servers
Portable Customer Service PDA
Desktop and Notebook Computers
Adjustable Push Button On/Off Timers
Low Supply Current: 6μA
Wide Operating Voltage Range: 2.7V to 26V
EN Output (LTC2950-1) Allows DC/DC Converter
Control
EN Output (LTC2950-2) Allows Circuit Breaker
Control
Simple Interface Allows Graceful μP Shut Down
High Input Voltage PB Pin with Internal Pull Up
Resistor
±10kV ESD HBM on PB Input
Accurate 0.6V Threshold on KILL Comparator Input
8-Pin 3mm
× 2mm DFN and ThinSOTTM Packages
VIN
SHDN
VIN
VOUT
EN
INT
KILL
INT
KILL
LTC2950-1
ONT
OFFT
DC/DC
BUCK
μP/μC
3V – 26V
*OPTIONAL
R1
10k
2950 TA01
CONT*
0.033μF
COFFT*
0.033μF
PB
GND
VIN
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. ThinSOT is
a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.


Similar Part No. - LTC295ICDDB-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2950 LINER-LTC2950 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
189Kb / 18P
   Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
232Kb / 18P
   Pushbutton On/Off Controller
LTC2950-1 LINER-LTC2950-1_15 Datasheet
232Kb / 18P
   Pushbutton On/Off Controller
More results

Similar Description - LTC295ICDDB-1-TRMPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6600 STMICROELECTRONICS-STM6600 Datasheet
1Mb / 51P
   Smart push-button on/off controller with Smart ResetTM and power-on lockout
logo
CW Industries
GC-536-0102 CWIND-GC-536-0102 Datasheet
108Kb / 1P
   SWITCH ASSEMBLY PUSH ON-PUSH OFF S.P.D.T. W/SPECIAL BUTTON
logo
Torex Semiconductor
XC6190B TOREX-XC6190B Datasheet
475Kb / 21P
   Push Button Reboot Controller
XC6190 TOREX-XC6190 Datasheet
475Kb / 21P
   Push Button Reboot Controller
logo
Schneider Electric
9001K85 SCHNEIDER-9001K85 Datasheet
155Kb / 2P
   30MM PUSH-ON, PUSH-OFF MODULE
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com