Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2931CF-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2931CF-PBF
Description  Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2931CF-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2931CF-PBF Datasheet HTML 3Page - Linear Technology LTC2931CF-PBF Datasheet HTML 4Page - Linear Technology LTC2931CF-PBF Datasheet HTML 5Page - Linear Technology LTC2931CF-PBF Datasheet HTML 6Page - Linear Technology LTC2931CF-PBF Datasheet HTML 7Page - Linear Technology LTC2931CF-PBF Datasheet HTML 8Page - Linear Technology LTC2931CF-PBF Datasheet HTML 9Page - Linear Technology LTC2931CF-PBF Datasheet HTML 10Page - Linear Technology LTC2931CF-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC2931
7
2931fb
PIN FUNCTIONS
COMP5 (Pin 1): Comparator Output 5. Real-time logic
output with weak 6μA pull-up to V2. Pulls high when V5
is above reset threshold. May be pulled greater than V2
using external pull-up. Leave open if unused.
V5 (Pin 2): Adjustable Voltage Input 5. High impedance
comparator input with 0.5V typical threshold. See
Applications Information for details. Tie to V1 if unused.
COMP3 (Pin 3): Comparator Output 3. Real-time logic
output with weak 6μA pull-up to V2. Pulls high when V3
is above its reset threshold. May be pulled greater than
V2 using external pull-up. Leave open if unused.
COMP1 (Pin 4): Comparator Output 1. Real-time logic
output with weak 6μA pull-up to V2. Pulls high when V1
is above its reset threshold. May be pulled greater than
V2 using external pull-up. Leave open if unused.
V3 (Pin 5): Voltage Input 3. Select from 2.5V, 1.8V, 1.5V,
or ADJ. See Applications Information for details. Tie to
V1 if unused.
V1 (Pin 6): Voltage Input 1. Select from 5V or 3.3V. See
Applications Information for details. The greater of V1 or
V2 is also VCC for the device. Bypass this pin to ground
with a 0.1μF (or greater) capacitor.
CRT (Pin 7): Reset Timeout Capacitor. Attach an external
capacitor (CRT) to GND to set a reset timeout of 2ms/nF.
Leaving the pin open generates a minimum delay of
approximately 25μs. A 47nF capacitor generates a 94ms
reset delay time.
RST (Pin 8): Reset Output. Logic output with weak 6μA
pull-up to V2. Pulls low when any voltage input is below
the reset threshold and held low for the configured delay
time after all voltage inputs are above threshold. May be
pulled greater than V2 using external pull-up. Leave open
if unused.
WDO (Pin 9): Watchdog Output. Logic output with weak
6μA pull-up to V2. May be pulled greater than V2 using
external pull-up. The watchdog timer is enabled when RST
is high. The watchdog output pulls low if the watchdog timer
times out and remains low for one reset timeout period.
The watchdog output is cleared with a WDI transition or
anytime RST is low.The output will toggle between high
and low as long as the watchdog and reset timers are
allowed to time out. Leave open if unused.
WDI (Pin 10): Watchdog Input. A logic input whose rising
or falling edge must occur on this pin (while RST is high)
within the selected watchdog time-out period, prohibiting
a high-to-low transition on the WDO pin. The capacitor
attached to the CWT pin sets the watchdog time-out period.
A rising or falling edge on the WDI pin clears the voltage
on the CWT capacitor, preventing WDO from going low. Tie
WDI to V1 or GND if unused. Tie CWT to GND to disable
the watchdog function.
CWT (Pin 11): Watchdog Timeout Capacitor. Attach
a capacitor (CWT) between CWT and GND to set a
watchdog time-out period of 20ms/nF. Leaving the pin open
generates a minimum timeout of approximately 200μs.
A 47nF capacitor generates a 940ms watchdog time-out
period. Tie CWT to GND to disable the watchdog function.
GND (Pin 12): Ground.
VPG (Pin 13): Threshold Select Input. Connect to an
external 1% resistive divider between VREF and GND to
select 1 of 16 combinations and/or ±adjustable voltage
thresholds (See Table 1). Do not add capacitance on the
VPG pin.
VREF (Pin 14): Buffered Reference Voltage Output. A
1.210V nominal reference used for the mode selection
voltage (VPG) and for the offset of negative adjustable
applications. The buffered reference can source and sink
up to 1mA. The reference can drive a bypass capacitor of
up to 1000pF without oscillation.
V4 (Pin 15): Voltage Input 4. Select from 1.8V, 1.5V, ADJ
or –ADJ. See Applications Information for details. Tie to
V1 if unused and configured for positive voltage.
V2 (Pin 16): Voltage Input 2. Select from 3.3V, 3V or 2.5V.
See Applications Information for details. The greater of V1,
V2 is also VCC for the device. Bypass this pin to ground
with a 0.1μF (or greater) capacitor. All status outputs are
weakly pulled up to V2.
COMP4 (Pin 17): Comparator Output 4. Real-time logic
output with weak 6μA pull-up to V2. Pulls high when V4
is above its reset threshold. May be pulled greater than
V2 using external pull-up. Leave open if unused.


Similar Part No. - LTC2931CF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2931 LINER-LTC2931 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
More results

Similar Description - LTC2931CF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2931 LINER-LTC2931_15 Datasheet
269Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2930 LINER-LTC2930_15 Datasheet
169Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2932 LINER-LTC2932 Datasheet
249Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
LTC2930 LINER-LTC2930 Datasheet
179Kb / 12P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer, Manual Reset
LTC2901 LINER-LTC2901 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2901 LINER-LTC2901_15 Datasheet
197Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset and Watchdog Timers
LTC2938 LINER-LTC2938 Datasheet
261Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2938 LINER-LTC2938_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
LTC2939 LINER-LTC2939_15 Datasheet
259Kb / 20P
   Confi gurable 4- and 6-Supply Monitors with Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com