Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2919IDDB-2.5-TRPBF Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2919IDDB-2.5-TRPBF
Description  Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2919IDDB-2.5-TRPBF Datasheet(HTML) 4 Page - Linear Technology

  LTC2919IDDB-2.5-TRPBF Datasheet HTML 1Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 2Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 3Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 4Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 5Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 6Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 7Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 8Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC2919
4
2919f
ADJ Threshold Voltage
vs Temperature
VCC UVLO Threshold Variation
vs Temperature
REF Output Voltage
vs Temperature
REF Output Load Regulation
Quiescent Supply Current
vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS TA = 25°C unless otherwise noted.
REF Output Line Regulation
TEMPERATURE (°C)
–50
506
25
2919 G01
500
496
–25
0
50
494
492
508
504
502
498
75
100 125 150
TEMPERATURE (°C)
–50
0.5
1.0
1.5
25
75
2919 G02
0
–0.5
–25
0
50
100
150
125
–1.0
–1.5
TEMPERATURE (°C)
–50
1.005
1.010
1.015
25
75
2919 G03
1.000
0.995
–25
0
50
100
150
125
0.990
0.985
IREF = 0A
LOAD CURRENT (mA)
–1
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
VCC = 2.5V
–0.5
0
0.5
1
2919 G04
TA = 150°C
TA = 125°C
TA = 25°C
TA = –40°C
SUPPLY VOLTAGE (V)
2
–0.6
–0.4
–0.2
0.0
0.2
0.4
0.6
IREF = 0A
34
5
6
2919 G05
TA = 150°C
TA = 125°C
TA = 25°C
TA = –40°C
TEMPERATURE (°C)
–50
90
25
2919 G06
60
40
–25
0
50
30
20
80
70
50
75
100
150
125
ADJ1 = 0.55V
ADJ2 = 0.45V
SEL = OPEN
VCC = 5V
VCC = 3.3V
VCC = 2.5V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
Note 3: VCC maximum pin voltage is limited by input current. Since the
VCC pin has an internal 6.5V shunt regulator, a low impedance supply
which exceeds 6V may exceed the rated terminal current. Operation
from higher voltage supplies requires a series dropping resistor. See
Applications Information.
Note 4: Threshold voltages have no hysteresis unless the part is in
comparator mode. Hysteresis is one-sided, affecting only invalid-to-valid
transitions. See Applications Information.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
ISEL(Z)
Allowable Leakage When Open
±5
μA
ISEL
SEL Input Current
SEL = VCC or SEL = GND
±17
±25
μA
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 2.5V (LTC2919-2.5), VCC = 3.3V (LTC2919-3.3), VCC = 5V
(LTC2919-5), ADJ1 = ADJ2 = 0.55V, SEL = floating, unless otherwise noted. (Note 2)
ELECTRICAL CHARACTERISTICS


Similar Part No. - LTC2919IDDB-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results

Similar Description - LTC2919IDDB-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com