Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2919IDDB-2.5-TRPBF Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2919IDDB-2.5-TRPBF
Description  Precision Triple/Dual Input UV, OV and NegativeVoltage Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2919IDDB-2.5-TRPBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2919IDDB-2.5-TRPBF Datasheet HTML 5Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 6Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 7Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 8Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 9Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 10Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 11Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 12Page - Linear Technology LTC2919IDDB-2.5-TRPBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC2919
9
2919f
If the user’s application requires, the SEL pin may be driven
using a three-state buffer which satisfies the VIL, VIH and
leakage conditions of this three-state input pin.
If the state of the SEL pin configures a given input as
“negative polarity,” the voltage at that ADJ pin must be
below the trip point (0.5V nominal), or the corresponding
OUT and RST output will be pulled low. Conversely, if a
given input is configured as “positive polarity”, the ADJ pin
voltage must be above the trip point or the corresponding
OUT and RST will assert low.
Thus, a “negative polarity” input may be used to deter-
mine whether a monitored negative voltage is smaller in
absolute value than it should be (–UV), or a monitored
positive voltage is larger than it should be (+OV). The
APPLICATIO S I FOR ATIO
opposite is true for a “positive polarity” input (–OV or
+UV). These polarity definitions are also shown in Table
1. For purposes of this data sheet, a negative voltage is
considered “undervoltage” if it is closer to ground than it
should be (e.g., –4.3V for a –5V supply).
Proper configuration of the SEL pin and setting of the
trip-points via external resistors allows for any two fault
conditions to be detected. For example, the LTC2919 may
monitor two supplies (positive, negative or one of each)
for UV or for OV (or one UV and one OV). It may also
monitor a single supply (positive or negative) for both UV
and OV. Tables 2a and 2b show example configurations
for monitoring possible combinations of fault condition
and supply polarity.
ADJ1
ADJ2
OUT1
OUT2
SEL
5V
15V
RP2B
115k
RP1B
13.7k
RP1A
11.5k
RP2A
309k
REF
SEL = VCC
2 Positive UV
ADJ1
ADJ2
OUT1
OUT2
SEL
5V
15V
RP2B
133k
RP1B
13.7k
RP1A
20k
RP2A
619k
REF
2 Positive OV
ADJ1
ADJ2
OUT1
OUT2
SEL
–5V
–15V
RN2B
137k
RN1B
13.3k
RN1A
10.7k
RN2A
309k
REF
2 Negative UV
SEL = GND
ADJ1
ADJ2
OUT1
OUT2
SEL
–5V
–15V
RN2B
137k
RN1B
11.8k
RN1A
30.9k
RN2A
1.02M
REF
2 Negative OV
ADJ1
ADJ2
OUT1
OUT2
SEL
–15V
15V
RN2
1.02M
RN1
30.9k
RP1
11.5k
RP2
309k
REF
1 Positive UV, 1 Negative OV
ADJ1
ADJ2
OUT1
OUT2
OV (15V)
UV (–15V)
OV (15V)
0V (5V)
UV (–15V)
UV (–5V)
UV (15V)
UV (5V)
OV (–15V)
OV (–5V)
UV (15V)
OV (–15V)
SEL
–15V
15V
RN2
309k
RN1
10.7k
RP1
20k
RP2
619k
REF
1 Positive OV, 1 Negative UV
Table 2a. Possible Combinations of Supply Monitoring. For Example Purposes, All Supplies are Monitored at 5% Tolerance and
Connections are Shown Only for ADJ1, ADJ2, REF, SEL, OUT1 and OUT2. Output Pull-up Resistors are Omitted for Clarity.


Similar Part No. - LTC2919IDDB-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results

Similar Description - LTC2919IDDB-2.5-TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912 Datasheet
173Kb / 12P
   Single UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com