Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2926IUFD Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2926IUFD
Description  MOSFET-Controlled Power Supply Tracker
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2926IUFD Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2926IUFD Datasheet HTML 7Page - Linear Technology LTC2926IUFD Datasheet HTML 8Page - Linear Technology LTC2926IUFD Datasheet HTML 9Page - Linear Technology LTC2926IUFD Datasheet HTML 10Page - Linear Technology LTC2926IUFD Datasheet HTML 11Page - Linear Technology LTC2926IUFD Datasheet HTML 12Page - Linear Technology LTC2926IUFD Datasheet HTML 13Page - Linear Technology LTC2926IUFD Datasheet HTML 14Page - Linear Technology LTC2926IUFD Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LTC2926
11
2926fa
RFA and RFB. The slave output voltage varies as a function
of the master signal with terms set by RTA and RTB. By
selecting appropriate values of RTA and RTB, it is possible
to generate any of the profiles in Figures 1 to 4.
Controlling the Ramp-Up and Ramp-Down Behavior
The operation of the LTC2926 is most easily understood by
referring to the simplified functional diagram in Figure 6.
When the ON pin is low, the remote sense switch is opened
and the MGATE pin is pulled to ground causing the master
signal to remain low. Since the current through RTB1 is at
its maximum when the master signal is low, the current
sourced by FB1 is also at its maximum. The current forces
the FB1 pin voltage above 0.8V, which pulls the SGATE1
pin low and disconnects the slave’s supply generator. The
minimum voltage across the slave load is a function of the
maximum FB1 current, the feedback divider resistors, and
the load resistance (see Load Requirements).
When the ON pin rises above 1.23V, the master signal
ramps up, and the slave supply tracks the master signal.
The master ramp rate is set by an external capacitor driven
by a 10µA current source from an internal charge pump. If
no external MOSFET is used for the master signal, the ramp
rate is set by tying the MGATE and RAMP pins together
at one terminal of the external capacitor (see Ratiometric
Tracking Example or Supply Sequencing Example). The
MGATE pin voltage will be limited to VCC + 1V (max) by
the weak internal clamp on the RAMP pin.
The rising master signal decreases the tracking current
mirrored out of the FB1 pin. The gate controller circuitry
maintains 0.8V at FB1 by driving the SGATE1 voltage and,
via the external MOSFET source-follower, the slave supply
output. When the slave supply output reaches the slave
supply module voltage, the FB1 pin will fall below 0.8V
and the gate controller will drive the SGATE1 pin above
VCC to fully enhance the MOSFET.
After the MGATE, SGATE1 and SGATE2 pins reach their
maximum voltages, the RSGATE pin is pulled up by a
10µA current source from an internal charge pump,
which closes the integrated remote sense switches. The
integrated remote sense switch allows the slave supply
generator to compensate for voltage drop across the slave’s
MOSFET (Q1).
When the ON pin falls below VON(TH) – ΔVON(TH), typically
1.16V, the remote sense switch opens and the MGATE pin
pulls down with 10µA. The master signal and the slave
supplies will fall at the same rate as they rose previously,
following the tracking or sequencing profile in reverse.
The ON pin can be controlled by a digital I/O pin or it
can be used to monitor an input supply. By connecting a
resistive voltage divider from an input supply to the ON
pin, the supplies will ramp up only after the monitored
supply reaches a preset voltage.
Figure 5. Simplified Tracking Cell and Gate Controller Cell Combination
APPLICATIO S I FOR ATIO
RTB
RTA
2926 F05
LTC2926
GATE CONTROLLER CELL
SGATE
0.8V
10
µA
FB
SUPPLY
TRACK
IFB
ITRACK
MASTER
RAMP
SLAVE
RFB
RFA
10
µA
0.8V
VCC
QEXT
VCC + 5V
+
TRACKING CELL
+


Similar Part No. - LTC2926IUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2926 LINER-LTC2926_15 Datasheet
547Kb / 28P
   MOSFET-Controlled Power Supply Tracker
More results

Similar Description - LTC2926IUFD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2926 LINER-LTC2926_15 Datasheet
547Kb / 28P
   MOSFET-Controlled Power Supply Tracker
LTC2921 LINER-LTC2921_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2921 LINER-LTC2921 Datasheet
316Kb / 20P
   Power Supply Tracker with Input Monitors
LTC2922 LINER-LTC2922_15 Datasheet
322Kb / 20P
   Power Supply Tracker with Input Monitors
logo
Maxim Integrated Produc...
MAX6876 MAXIM-MAX6876 Datasheet
378Kb / 39P
   EEPROM-Programmable, Quad, Power-Supply Tracker/Sequencer Circuit
Rev 0; 10/04
logo
Analog Devices
HMC1120LP4E AD-HMC1120LP4E Datasheet
6Mb / 28P
   RMS POWER DETECTOR ENVELOPE TRACKER
logo
SHENZHEN KYL COMMUNICAT...
GSM KYL-GSM Datasheet
168Kb / 15P
   Tracker
logo
List of Unclassifed Man...
1207-0446-07-P1 ETC2-1207-0446-07-P1 Datasheet
69Kb / 2P
   Power Module Controlled Power Supply
logo
Analog Devices
HMC1021LP4E AD-HMC1021LP4E Datasheet
2Mb / 26P
   RMS POWER DETECTOR & ENVELOPE TRACKER
logo
Rohm
BD3925HFP-C ROHM-BD3925HFP-C Datasheet
136Kb / 5P
   Voltage Tracker
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com