Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2912CDDB-2 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2912CDDB-2
Description  Single UV/OV Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912CDDB-2 Datasheet(HTML) 3 Page - Linear Technology

  LTC2912CDDB-2 Datasheet HTML 1Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 2Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 3Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 4Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 5Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 6Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 7Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 8Page - Linear Technology LTC2912CDDB-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
LTC2912
3
2912fa
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
GND unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VSHUNT
VCC Shunt Regulator Voltage
ICC = 5mA
6.2
6.6
7.2
V
–40°C < TA < 125°
6.2
6.6
7.3
V
ΔVSHUNT
VCC Shunt Regulator Load Regulation
ICC = 2mA to 10mA
200
300
mV
VCC
Supply Voltage (Note 3)
2.3
VSHUNT
V
VCCR(MIN)
Minimum VCC Output Valid
DIS = 0V
1V
VCC(UVLO)
Supply Undervoltage Lockout
DIS = 0V, VCC Rising
1.9
2
2.1
V
ΔVCC(UVHYST) Supply Undervoltage Lockout Hysteresis
DIS = 0V
525
50
mV
ICC
Supply Current
VCC = 2.3V to 6V
29
70
μA
VUOT
Undervoltage/Overvoltage Threshold
492
500
508
mV
tUOD
Undervoltage/Overvoltage Threshold to
Output Delay
VHn = VUOT – 5mV or VLn = VUOT + 5mV
50
125
500
μs
IVHL
VH, VL Input Current
±15
nA
–40°C < TA < 125°
±30
nA
tUOTO
UV/OV Time-Out Period
CTMR = 1nF
6
8.5
12.5
ms
–40°C < TA < 125°
6
8.5
14
ms
VLATCH(VIH)
OV Latch Clear Input High
1.2
V
VLATCH(VIL)
OV Latch Clear Input Low
0.8
V
ILATCH
LATCH Input Current
VLATCH > 0.5V
±1
μA
IDIS
DIS Input Current
VDIS > 0.5V
1
2
3.3
μA
VDIS(VIH)
DIS Input High
1.2
V
VDIS(VIL)
DIS Input Low
0.8
V
ITMR(UP)
TMR Pull-Up Current
VTMR = 0V
–1.3
–2.1
–2.8
μA
–40°C < TA < 125°
–1.2
–2.1
–2.8
μA
ITMR(DOWN)
TMR Pull-Down Current
VTMR = 1.6V
1.3
2.1
2.8
μA
–40°C < TA < 125°
1.2
2.1
2.8
μA
VTMR(DIS)
Timer Disable Voltage
Referenced to VCC
–180
–270
mV
VOH
Output Voltage High UV/OV/OV
VCC = 2.3V, IUV/OV = –1μA
1V
VOL
Output Voltage Low UV/OV/OV
VCC = 2.3V, IUV/OV = 2.5mA
VCC = 1V, IUV = 100μA
0.10
0.01
0.30
0.15
V
V
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, VL = 0.45V, VH = 0.55V, LATCH = VCC unless otherwise
noted. (Note 2)
Note 3: VCC maximum pin voltage is limited by input current. Since the
VCC pin has an internal 6.5V shunt regulator, a low impedance supply that
exceeds 6V may exceed the rated terminal current. Operation from higher
voltage supplies requires a series dropping resistor. See Applications
Information.


Similar Part No. - LTC2912CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912CDDB-2 LINER-LTC2912CDDB-2 Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
More results

Similar Description - LTC2912CDDB-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com