Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2912ITS8-2 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2912ITS8-2
Description  Single UV/OV Voltage Monitor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2912ITS8-2 Datasheet(HTML) 5 Page - Linear Technology

  LTC2912ITS8-2 Datasheet HTML 1Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 2Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 3Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 4Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 5Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 6Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 7Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 8Page - Linear Technology LTC2912ITS8-2 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
LTC2912
5
2912fa
UV Output Voltage vs VCC
Reset Time-Out Period
vs Capacitance
UV, ISINK vs VCC
TYPICAL PERFORMANCE CHARACTERISTICS
UV/OV, Voltage Output Low
vs Output Sink Current
Reset Timeout Period
vs Temperature
DIS (Pin 8/Pin 1, LTC2912-2): Output Disable Input.
Disables the OV and UV output pins. When DIS is pulled
high, the OV and UV pins are not asserted except during a
UVLO condition. Pin has a weak (2μA) internal pull-down
to GND. Leave pin open if unused.
Exposed Pad (Pin 9, DDB Package): Exposed Pad may
be left open or connected to device ground.
GND (Pin 5/Pin 4): Device Ground.
LATCH (Pin 8/Pin 1, LTC2912-1, LTC2912-3): OV/OV
Latch Clear/Bypass Input. When pulled high, OV/OV latch
is cleared. While held high, OV/OV has a similar delay and
output characteristic as UV.
OV (Pin 6/Pin 3, LTC2912-1, LTC2912-2): Overvoltage
Logic Output. Asserts low when the VL input voltage is
above threshold. Latched low (LTC2912-1). Held low for
programmed delay time after VL input is valid (LTC2912-2).
Pin has a weak pull-up to VCC and may be pulled above VCC
using an external pull-up. Leave pin open if unused.
PIN FUNCTIONS (DFN/TSOT Packages)
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2912 G07
2
1
0
1
2
3
5
VH = 0.55V
SEL = VCC
TMR PIN CAPACITANCE, CTMR (nF)
10
100
1000
10000
0.1
10
100
1000
2912 G08
1
1
SUPPLY VOLTAGE, VCC (V)
0
3
4
5
4
2912 G09
2
1
0
1
2
3
5
VH = 0.45V
SEL = VCC
UV AT 150mV
UV AT 50mV
0
0
0.2
0.4
0.6
0.8
1.0
5
10
15
20
1912 G10
25
–40°C
30
25°C
85°C
IUV/OV (mA)
TEMPERATURE (°C)
–50
6
7
8
9
10
12
–25
025
50
2912 G11
75
100
11
CTMR = 1nF


Similar Part No. - LTC2912ITS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912ITS8-2 LINER-LTC2912ITS8-2 Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
More results

Similar Description - LTC2912ITS8-2

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2912CTS8-2TRPBF LINER-LTC2912CTS8-2TRPBF Datasheet
178Kb / 12P
   Single UV/OV Voltage Monitor
LTC2912 LINER-LTC2912_15 Datasheet
228Kb / 14P
   Single UV/OV Voltage Monitor
LTC2913 LINER-LTC2913 Datasheet
281Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2913 LINER-LTC2913_15 Datasheet
181Kb / 12P
   Dual UV/OV Voltage Monitor
LTC2914 LINER-LTC2914_15 Datasheet
259Kb / 18P
   Quad UV/OV Positive/Negative Voltage Monitor
LTC2914 LINER-LTC2914 Datasheet
217Kb / 16P
   Quad UV/OV Positive/Negative Voltage Monitor
logo
Analog Devices
ADCMP671 AD-ADCMP671 Datasheet
312Kb / 16P
   Low Power, Adjustable UV and OV Monitor
REV. 0
logo
Linear Technology
LTC2919 LINER-LTC2919_15 Datasheet
197Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909_15 Datasheet
196Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
LTC2909 LINER-LTC2909 Datasheet
235Kb / 16P
   Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com