Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2640AHTS8-LM12 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC2640AHTS8-LM12
Description  Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/째C Reference
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2640AHTS8-LM12 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC2640AHTS8-LM12 Datasheet HTML 6Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 7Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 8Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 9Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 10Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 11Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 12Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 13Page - Linear Technology LTC2640AHTS8-LM12 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC2640
10
2640fb
TYPICAL PERFORMANCE CHARACTERISTICS
Integral Nonlinearity (INL)
Differential Nonlinearity (DNL)
INL vs Temperature
DNL vs Temperature
Full-Scale Output Voltage
vs Temperature
Settling to ±1LSB
Settling to ±1LSB
LTC2640-L12 (Internal Reference, VFS = 2.5V)
CODE
0
0
0.5
4095
2640 G01
–0.5
–1.0
1024
2048
3072
1.0
VCC = 3V
CODE
0
0
0.5
4095
2640 G02
–0.5
–1.0
1024
VCC = 3V
2048
3072
1.0
Reference Output Voltage
vs Temperature
TEMPERATURE (°C)
–50 –25
25
75
125
1.250
1.255
150
2640 G03
1.245
1.240
0
50
100
1.260
VCC = 3V
TEMPERATURE (°C)
–50 –25
25
75
125
0
0.5
150
2640 G04
–0.5
–1.0
0
50
100
1.0
VCC = 3V
INL (POS)
INL (NEG)
TEMPERATURE (°C)
–50 –25
25
75
125
0
0.5
150
2640 G05
–0.5
–1.0
0
50
100
1.0
VCC = 3V
DNL (POS)
DNL (NEG)
TEMPERATURE (°C)
–50 –25
25
75
125
2.50
2.51
150
2640 G06
2.49
2.48
0
50
100
2.52
VCC = 3V
2μs/DIV
2640 G07
VOUT
1LSB/DIV
1/4 SCALE TO 3/4 SCALE STEP
VCC = 3V, VFS = 2.5V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
CS/LD
2V/DIV
3.6μs
2μs/DIV
2640 G08
VOUT
1LSB/DIV
3/4 SCALE TO 1/4 SCALE STEP
VCC = 3V, VFS = 2.5V
RL = 2k, CL = 100pF
AVERAGE OF 256 EVENTS
CS/LD
2V/DIV
4.1μs
TA = 25°C, unless otherwise noted.


Similar Part No. - LTC2640AHTS8-LM12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2640 LINER-LTC2640 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
logo
Analog Devices
LTC2640 AD-LTC2640 Datasheet
312Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs
logo
Linear Technology
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
More results

Similar Description - LTC2640AHTS8-LM12

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2631 LINER-LTC2631 Datasheet
354Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2640 LINER-LTC2640_15 Datasheet
400Kb / 24P
   Single 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2637 LINER-LTC2637_1 Datasheet
431Kb / 28P
   Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2633 LINER-LTC2633 Datasheet
584Kb / 24P
   Dual 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2632 LINER-LTC2632_15 Datasheet
1Mb / 24P
   Dual 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2635 LINER-LTC2635_1 Datasheet
526Kb / 32P
   Quad 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
LTC2636 LINER-LTC2636_15 Datasheet
412Kb / 24P
   Octal 12-/10-/8-Bit SPI VOUT DACs with 10ppm/C Reference
LTC2644 LINER-LTC2644 Datasheet
747Kb / 20P
   Dual 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2645 LINER-LTC2645 Datasheet
758Kb / 20P
   Quad 12-/10-/8-Bit PWM to VOUT DACs with 10ppm/째C Reference
LTC2631 LINER-LTC2631_15 Datasheet
404Kb / 28P
   Single 12-/10-/8-Bit I2C VOUT DACs with 10ppm/C Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com