Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2908 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC2908
Description  Precision Six Input Supply Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2908 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC2908 Datasheet HTML 4Page - Linear Technology LTC2908 Datasheet HTML 5Page - Linear Technology LTC2908 Datasheet HTML 6Page - Linear Technology LTC2908 Datasheet HTML 7Page - Linear Technology LTC2908 Datasheet HTML 8Page - Linear Technology LTC2908 Datasheet HTML 9Page - Linear Technology LTC2908 Datasheet HTML 10Page - Linear Technology LTC2908 Datasheet HTML 11Page - Linear Technology LTC2908 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC2908
8
2908fc
PIN FUNCTIONS
V1 (Pin 1/Pin 4): Voltage Input 1. V1 is the internal VCC.
The operating voltage on this pin shall not exceed 6V.
When in normal operation, this pin draws approximately
22μA. Bypass this pin to ground with a 0.1μF (or greater)
capacitor.
VADJ5 (Pin 2/Pin 3): Adjustable Voltage Input 5. See Table 1
for recommended ADJ resistors values.
RST (Pin 3/Pin 4): Reset Logic Output. Pulls low when
any voltage input is below the reset threshold and is held
low for 200ms after all voltage inputs are above threshold.
This pin has a weak pull-up to Vcc and may be pulled above
Vcc using an external pull-up.
GND (Pin 4/Pin 1): Device Ground.
VADJ4 (Pin 5/Pin 8): Adjustable Voltage Input 4.
See Table 1 for recommended ADJ resistors values.
VADJ3 (Pin 6/Pin 7): Adjustable Voltage Input 3.
See Table 1 for recommended ADJ resistors values.
VADJ2 (Pin 7/Pin 6): Adjustable Voltage Input 2.
See Table 1 for recommended ADJ resistors values.
VADJ1 (Pin 8/Pin 5): Adjustable Voltage Input 1.
See Table 1 for recommended ADJ resistors values.
Exposed Pad (Pin 9, DDB8 Only): Exposed Pad may be
left open or connected to device ground.
(TS8 Package/DDB8 Package) LTC2908-C1
BLOCK DIAGRAMS
POWER
DETECT
VCC
V1
C1
C2
C3
C4
C5
C6
V2
V3
V4
VADJ1
VADJ2
2908 BD
GND
BANDGAP
REFERENCE
VCC
LTC2908-A1/LTC2908-B1
200ms
RESET PULSE
GENERATOR
RST
6μA


Similar Part No. - LTC2908

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Linear Technology
LTC2908 LINER-LTC2908 Datasheet
173Kb / 16P
   Low Voltage Supervisorwith 27 Selectable Thresholds and Watchdog Timer
LTC2908 LINER-LTC2908 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
LTC2908 LINER-LTC2908 Datasheet
229Kb / 20P
   Temperature Sensor and Dual Voltage Monitor
LTC2908 LINER-LTC2908 Datasheet
153Kb / 16P
   Precision Quad Supply Monitor in 6-Lead SOT-23
More results

Similar Description - LTC2908

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
logo
Linear Integrated Syste...
LTC2908 LINEAR-LTC2908 Datasheet
165Kb / 16P
   Precision Six Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Zetex Semiconductors
ZXCT1050 ZETEX-ZXCT1050 Datasheet
590Kb / 10P
   Precision wide input range current monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com