Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AWT6261R Datasheet(PDF) 6 Page - ANADIGICS, Inc

Part No. AWT6261R
Description  2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANADIGICS [ANADIGICS, Inc]
Homepage  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6261R Datasheet(HTML) 6 Page - ANADIGICS, Inc

  AWT6261R Datasheet HTML 1Page - ANADIGICS, Inc AWT6261R Datasheet HTML 2Page - ANADIGICS, Inc AWT6261R Datasheet HTML 3Page - ANADIGICS, Inc AWT6261R Datasheet HTML 4Page - ANADIGICS, Inc AWT6261R Datasheet HTML 5Page - ANADIGICS, Inc AWT6261R Datasheet HTML 6Page - ANADIGICS, Inc AWT6261R Datasheet HTML 7Page - ANADIGICS, Inc AWT6261R Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
ANADIGICS CONFIDENTIAL AND PROPRIETARY
PRELIMINARY DATA SHEET - Rev 1.3
07/2008
AWT6261R
PACKAGE OUTLINE
Figure 4: M20 Package Outline - 10 Pin 4 mm x 4 mm x 1 mm Surface Mount Module
Figure 5: Branding Specification


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn