Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AWT6261R Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part No. AWT6261R
Description  2.5-2.7 GHz Mobile WiMAX Power Amplifier Module
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ANADIGICS [ANADIGICS, Inc]
Homepage  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWT6261R Datasheet(HTML) 3 Page - ANADIGICS, Inc

  AWT6261R Datasheet HTML 1Page - ANADIGICS, Inc AWT6261R Datasheet HTML 2Page - ANADIGICS, Inc AWT6261R Datasheet HTML 3Page - ANADIGICS, Inc AWT6261R Datasheet HTML 4Page - ANADIGICS, Inc AWT6261R Datasheet HTML 5Page - ANADIGICS, Inc AWT6261R Datasheet HTML 6Page - ANADIGICS, Inc AWT6261R Datasheet HTML 7Page - ANADIGICS, Inc AWT6261R Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ANADIGICS CONFIDENTIAL AND PROPRIETARY
PRELIMINARY DATA SHEET - Rev 1.3
07/2008
AWT6261R
3
ELECTRICAL CHARACTERISTICS
Table 2: Absolute Minimum and Maximum Ratings
Stresses in excess of the absolute ratings may cause permanent damage.
Functional operation is not implied under these conditions. Exposure
to absolute ratings for extended periods of time may adversely affect
reliability.
Table 3: Operating Ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operation at Tc = +85 oC and Vcc = +3.2 V, Pout is derated by 0.5 dB.
PARAMETER
MIN
MAX
UNIT
Supply Voltage (VCC)
0
+5
V
Reference Voltage (VREF)
0
+3.5
V
RF Input Power (PIN)
-
+10
dBm
Storage Temperature (TSTG)
-40
+150
°C
PARAMETER
MIN
TYP
MAX
UNIT
COMMENTS
Operating Frequency (f)
2496
-
2690
MHz
Supply Voltage (VCC)
+3.2
+3.3
+4.2
V
Reference Voltage (VREF)
+2.75
0
+2.85
-
+2.95
+0.5
V
PA "on"
PA "shut down"
RF Output Power (POUT)
+24.5 (1)
+25
-
dBm
Case Temperature (TC)
-10
-
+85
°C


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn