Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2755ACUP-16-PBF Datasheet(PDF) 5 Page - Linear Technology

Part # LTC2755ACUP-16-PBF
Description  Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2755ACUP-16-PBF Datasheet(HTML) 5 Page - Linear Technology

  LTC2755ACUP-16-PBF Datasheet HTML 1Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 2Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 3Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 4Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 5Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 6Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 7Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 8Page - Linear Technology LTC2755ACUP-16-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC2755
5
2755f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
26
ns
t18
D/S Valid to READ Rising Edge
(Note 11)
7ns
t19
READ Rising Edge to UPD Rising Edge
No Update
0ns
t20
UPD Falling Edge to READ Falling Edge
No Update
0ns
t22
READ Falling Edge to UPD Rising Edge
(Note 11)
7ns
t23
I/O Bus Hi-Z to READ Rising Edge
(Note 11)
0ns
t24
READ Falling Edge to I/O Bus Active
(Note 11)
20
ns
CLR Timing
t25
CLR Pulse Width Low
15
ns
VDD = 2.7V to 3.3V
Write and Update Timing
t1
I/O Valid to WR Rising Edge Set-Up
15
ns
t2
I/O Valid to WR Rising Edge Hold
15
ns
t3
WR Pulse Width Low
30
ns
t4
UPD Pulse Width High
30
ns
t5
UPD Falling Edge to WR Falling Edge
No Data Shoot-Through
0ns
t6
WR Rising Edge to UPD Rising Edge
(Note 11)
0ns
t7
D/S Valid to WR Falling Edge Set-Up Time
7ns
t8
WR Rising Edge to D/S Valid Hold Time
7ns
t9
A2-A0 Valid to WR Falling Edge Setup Time
7ns
t10
WR Rising Edge to A2-A0 Valid Hold Time
0ns
t11
A2-A0 Valid to UPD Rising Edge Setup Time
15
ns
t12
UPD Falling Edge to A2-A0 Valid Hold Time
15
ns
Readback Timing
t13
WR Rising Edge to Read Rising Edge
10
ns
t14
Read Falling Edge to WR Falling Edge
(Note 11)
35
ns
t15
Read Rising Edge to I/O Propagation Delay
CL = 10pF
55
ns
t26
A2-A0 Valid to READ Rising Edge Setup Time
35
ns
t27
READ Falling to A2-A0 Valid Hold Time
(Note 11)
0ns
t17
UPD Valid to I/O Propagation Delay
CL = 10pF
45
ns
t18
D/S Valid to Read Rising Edge
(Note 11)
12
ns
t19
Read Rising Edge to UPD Rising Edge
No Update
0ns
t20
UPD Falling Edge to Read Falling Edge
No Update
0ns
TIMING CHARACTERISTICS The denotes specifications that apply over the full operating temperature range,
otherwise specifications are at TA = 25°C.


Similar Part No. - LTC2755ACUP-16-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
More results

Similar Description - LTC2755ACUP-16-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC2704 LINER-LTC2704_15 Datasheet
348Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704_09 Datasheet
321Kb / 22P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC2704 LINER-LTC2704 Datasheet
400Kb / 20P
   Quad 12-, 14- and 16-Bit Voltage Output SoftSpan DACs with Readback
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com