Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJ10023 Datasheet(PDF) 4 Page - Mospec Semiconductor

Part # MJ10023
Description  POWER TRANSISTORS(40A,350-400V,250W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ10023 Datasheet(HTML) 4 Page - Mospec Semiconductor

  MJ10023 Datasheet HTML 1Page - Mospec Semiconductor MJ10023 Datasheet HTML 2Page - Mospec Semiconductor MJ10023 Datasheet HTML 3Page - Mospec Semiconductor MJ10023 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
A


Similar Part No. - MJ10023

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ10023 MOTOROLA-MJ10023 Datasheet
300Kb / 8P
   40 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 AND 400 VOLTS 250 WATTS
logo
ON Semiconductor
MJ10023 ONSEMI-MJ10023 Datasheet
216Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTOR
1998
logo
Wing Shing Computer Com...
MJ10023 WINGS-MJ10023 Datasheet
189Kb / 1P
   Silicon NPN Power Darlington Transistor
logo
Central Semiconductor C...
MJ10023 CENTRAL-MJ10023 Datasheet
54Kb / 1P
   Power Transistors
logo
New Jersey Semi-Conduct...
MJ10023 NJSEMI-MJ10023 Datasheet
102Kb / 2P
   NPN Silicon Power Darlington Transistors with Base-Emitter Speedup Diode
More results

Similar Description - MJ10023

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
MJ10002 MOSPEC-MJ10002 Datasheet
183Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
MJ10006 MOSPEC-MJ10006 Datasheet
190Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ15003 MOSPEC-MJ15003 Datasheet
156Kb / 3P
   POWER TRANSISTORS(20A,140V,250W)
logo
Fairchild Semiconductor
IRF710-713 FAIRCHILD-IRF710-713 Datasheet
147Kb / 5P
   N-Channel Power MOSFETs, 2.25A, 350-400V
logo
Mospec Semiconductor
MJ10015 MOSPEC-MJ10015 Datasheet
181Kb / 4P
   POWER TRANSISTORS(50A,400-500V,250W)
MJ10020 MOSPEC-MJ10020 Datasheet
211Kb / 4P
   POWER TRANSISTORS(60A,200-250V,250W)
logo
Fairchild Semiconductor
IRF330-333 FAIRCHILD-IRF330-333 Datasheet
177Kb / 6P
   N-Channel Power MOSFETs, 5.5A, 350 V/400V
logo
Mospec Semiconductor
MJ10024 MOSPEC-MJ10024 Datasheet
205Kb / 4P
   POWER TRANSISTORS(20A,750-850V,250W)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com