Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2498IUHF-PBF Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2498IUHF-PBF
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2498IUHF-PBF Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2498IUHF-PBF Datasheet HTML 8Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 9Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 10Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 11Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 12Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 13Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 14Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 15Page - Linear Technology LTC2498IUHF-PBF Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
LTC2498
12
2498fc
TEST CIRCUITS
Timing Diagram Using Internal SCK (SCK HIGH with CS
↓)
Timing Diagram Using External SCK (SCK LOW with CS
↓)
1.69k
SDO
2498 TC01
Hi-Z TO VOH
VOL TO VOH
VOH TO Hi-Z
CLOAD = 20pF
1.69k
SDO
2498 TC02
Hi-Z TO VOL
VOH TO VOL
VOL TO Hi-Z
CLOAD = 20pF
VCC
TIMING DIAGRAMS
CS
SDO
SCK
SDI
t1
t3
t7
t8
SLEEP
tKQMAX
CONVERSION
DATA IN/OUT
tKQMIN
t2
2498 TD01
CS
SDO
SCK
SDI
t1
t5
t6
t4
t7
t8
SLEEP
tKQMAX
CONVERSION
DATA IN/OUT
tKQMIN
t2
2498 TD02


Similar Part No. - LTC2498IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2498 LINER-LTC2498_15 Datasheet
1Mb / 38P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2498IUHF-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498_15 Datasheet
1Mb / 38P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2492 LINER-LTC2492 Datasheet
470Kb / 36P
   24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com