Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2499 Datasheet(PDF) 29 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 29 Page - Linear Technology

Back Button LTC2499 Datasheet HTML 24Page - Linear Technology LTC2499 Datasheet HTML 25Page - Linear Technology LTC2499 Datasheet HTML 26Page - Linear Technology LTC2499 Datasheet HTML 27Page - Linear Technology LTC2499 Datasheet HTML 28Page - Linear Technology LTC2499 Datasheet HTML 29Page - Linear Technology LTC2499 Datasheet HTML 30Page - Linear Technology LTC2499 Datasheet HTML 31Page - Linear Technology LTC2499 Datasheet HTML 32Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 29 / 32 page
background image
LTC2499
29
2499fb
Using the 2X speed mode of the LTC2499 alters the rejection
characteristics around DC and multiples of fS. The device
bypassestheoffsetcalibrationinordertoincreasetheoutput
rate. The resulting rejection plots are shown in Figures 27
and 28. 1x type frequency rejection can be achieved us-
ing the 2x mode by performing a running average of the
previoius two conversion results (see Figure 29).
Output Data Rate
When using its internal oscillator, the LTC2499 produces
up to 7.5 samples per second (sps) with a notch frequency
of 60Hz. The actual output data rate depends upon the length
of the sleep and data output cycles which are controlled
by the user and can be made insignificantly short. When
operating with an external conversion clock (fO connected
to an external oscillator), the LTC2499 output data rate
can be increased. The duration of the conversion cycle is
41036/fEOSC. If fEOSC = 307.2kHz, the converter behaves
as if the internal oscillator is used.
An increase in fEOSC over the nominal 307.2kHz will trans-
late into a proportional increase in the maximum output
data rate (up to a maximum of 100sps). The increase in
output rate leads to degradation in offset, full-scale error,
and effective resolution as well as a shift in frequency
rejection. When using the integrated temperature sensor,
the internal oscillator should be used or an external oscil-
lator fEOSC = 307.2kHz maximum.
A change in fEOSC results in a proportional change in the
internal notch position. This leads to reduced differential
mode rejection of line frequencies. The common mode
rejection of line frequencies remains unchanged, thus fully
differential input signals with a high degree of symmetry
on both the IN+ and INpins will continue to reject line
frequency noise.
An increase in fEOSC also increases the effective dynamic
input and reference current. External RC networks will
continue to have zero differential input current, but the
time required for complete settling (580ns for fEOSC =
307.2kHz) is reduced, proportionally.
Once the external oscillator frequency is increased above
1MHz (a more than 3x increase in output rate) the effective-
ness of internal auto calibration circuits begins to degrade.
This results in larger offset errors, full-scale errors, and
decreased resolution, as seen in Figures 30-37.
Figure 27. Input Normal Mode Rejection 2x Speed Mode
Figure 28. Input Normal Mode Rejection 2x Speed Mode
APPLICATIONS INFORMATION
INPUT SIGNAL FREQUENCY (fN)
2499 F27
0
–20
–40
–60
–80
–100
–120
0
fN
2fN 3fN 4fN 5fN 6fN 7fN 8fN
INPUT SIGNAL FREQUENCY (fN)
2499 F28
0
–20
–40
–60
–80
–100
–120
250
248
252 254 256 258 260 262 264


Similar Part No. - LTC2499

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499CUHF LINER-LTC2499CUHF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499CUHFPBF LINER-LTC2499CUHFPBF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499IUHF LINER-LTC2499IUHF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499IUHFPBF LINER-LTC2499IUHFPBF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2499

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com