Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2499 Datasheet(PDF) 24 Page - Linear Technology

Part # LTC2499
Description  24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2499 Datasheet(HTML) 24 Page - Linear Technology

Back Button LTC2499 Datasheet HTML 20Page - Linear Technology LTC2499 Datasheet HTML 21Page - Linear Technology LTC2499 Datasheet HTML 22Page - Linear Technology LTC2499 Datasheet HTML 23Page - Linear Technology LTC2499 Datasheet HTML 24Page - Linear Technology LTC2499 Datasheet HTML 25Page - Linear Technology LTC2499 Datasheet HTML 26Page - Linear Technology LTC2499 Datasheet HTML 27Page - Linear Technology LTC2499 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
LTC2499
24
2499fb
input impedances, the common mode input current effects
are rejected by the large CMRR of the LTC2499, leading
to little degradation in accuracy. Mismatches in source
impedances lead to gain errors proportional to the dif-
ference between the common mode input and common
mode reference. 1% mismatches in 1k source resistances
lead to gain errors on the order of 15ppm. Based on the
stability of the internal sampling capacitors and the ac-
curacy of the internal oscillator, a one-time calibration will
remove this error.
In addition to the input sampling current, the input ESD
protection diodes have a temperature dependent leakage
current. This current, nominally 1nA (±10nA max), results
in a small offset shift. A 1k source resistance will create a
1μV typical and a 10μV maximum offset voltage.
Automatic Offset Calibration of External Buffers/
Amplifiers
In addition to the Easy Drive input current cancellation,
the LTC2499 allows an external amplifier to be inserted
between the multiplexer output and the ADC input (see
Figure 12). This is useful in applications where balanced
source impedances are not possible. One pair of external
buffers/amplifiers can be shared between all 17 analog
inputs. The LTC2499 performs an internal offset calibration
every conversion cycle in order to remove the offset and
drift of the ADC. This calibration is performed through a
combination of front end switching and digital process-
ing. Since the external amplifier is placed between the
multiplexer and the ADC, it is inside this correction loop.
This results in automatic offset correction and offset drift
removal of the external amplifier.
The LTC6078 is an excellent amplifier for this function.
It operates with supply voltages as low as 2.7V and its
noise level is 18nV/√Hz. The Easy Drive input technology
of the LTC2499 enables an RC network to be added directly
to the output of the LTC6078. The capacitor reduces the
magnitude of the current spikes seen at the input to the
ADC and the resistor isolates the capacitor load from the
op-amp output enabling stable operation. The LTC6078
can also be biased at supply rails beyond those used by
the LTC2499. This allows the external sensor to swing rail-
to-rail (–0.3V to VCC + 0.3V) without the need of external
level shift circuitry.
Figure 12. External Buffers Provide High Impedance Inputs
and Amplifier Offsets are Automatically Cancelled
APPLICATIONS INFORMATION
+
+
1/2 LTC6078
1/2 LTC6078
1
2
3
5
6
7
ΔΣ ADC
WITH
EASY DRIVE
INPUTS
INPUT
MUX
17
LTC2499
ANALOG
INPUTS
SCL
SDA
0.1μF
1kΩ
1kΩ
0.1μF


Similar Part No. - LTC2499

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499CUHF LINER-LTC2499CUHF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499CUHFPBF LINER-LTC2499CUHFPBF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499IUHF LINER-LTC2499IUHF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499IUHFPBF LINER-LTC2499IUHFPBF Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2499

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_15 Datasheet
1Mb / 34P
   24-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com