Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2497IUHF Datasheet(PDF) 7 Page - Linear Technology

Part # LTC2497IUHF
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2497IUHF Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC2497IUHF Datasheet HTML 3Page - Linear Technology LTC2497IUHF Datasheet HTML 4Page - Linear Technology LTC2497IUHF Datasheet HTML 5Page - Linear Technology LTC2497IUHF Datasheet HTML 6Page - Linear Technology LTC2497IUHF Datasheet HTML 7Page - Linear Technology LTC2497IUHF Datasheet HTML 8Page - Linear Technology LTC2497IUHF Datasheet HTML 9Page - Linear Technology LTC2497IUHF Datasheet HTML 10Page - Linear Technology LTC2497IUHF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LTC2497
7
2497f
VREF (V)
0
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
123
4
2497 G10
5
VCC = 5V
REF = GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
TEMPERATURE (
°C)
–45 –30
300
304
310
–15
30
45
2497 G11
302
308
306
15
0
60
75
90
VCC = 4.1V
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
FO = GND
VCC (V)
2.7
300
302
304
306
308
310
3.0
3.5
4.0
4.5
2497 G12
5.0
5.5
VREF = 2.5V
VIN = 0V
VIN(CM) = GND
FO = GND
TA = 25°C
TYPICAL PERFORMANCE CHARACTERISTICS
Offset Error vs VREF
On-Chip Oscillator Frequency
vs Temperature
On-Chip Oscillator Frequency
vs VCC
VIN(CM) (V)
–1
0.1
0.2
0.3
24
2497 G07
0
–0.1
01
35
6
–0.2
–0.3
VCC = 5V
VREF = 5V
VIN = 0V
TA = 25°C
FO = GND
TEMPERATURE (
°C)
–45
–0.3
–0.2
0
0.1
0.2
–15
15
30
90
2497 G08
–0.1
–30
0
45
60
75
0.3
VCC = 5V
VREF = 5V
VIN = 0V
FO = GND
VCC (V)
2.7
0.1
0.2
0.3
3.9
4.7
2497 G09
0
–0.1
3.1
3.5
4.3
5.1
5.5
–0.2
–0.3
REF+ = 2.5V
REF= GND
VIN = 0V
VIN(CM) = GND
TA = 25°C
FO = GND
Offset Error vs VIN(CM)
Offset Error vs Temperature
Offset Error vs VCC


Similar Part No. - LTC2497IUHF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2497IUHF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
604Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2496 LINER-LTC2496 Datasheet
384Kb / 32P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497_15 Datasheet
617Kb / 30P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com