Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8818 Datasheet(PDF) 7 Page - AMETHERM Circuit Protection Thermistors

Part # AME8818
Description  Low Dropout 300mA CMOS Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME8818 Datasheet(HTML) 7 Page - AMETHERM Circuit Protection Thermistors

Back Button AME8818 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors AME8818 Datasheet HTML 11Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
AME
Rev.A.01
7
AME8818
Low Dropout
300mA CMOS Regulator
n Electrical Specifications
V
IN = VOUT(NOM) + 1V or VIN = 2.5V, if VOUT(NOM) <= 2.0V, IOUT = 1mA, VEN = VIN and COUT = CIN = 1µF, Typical values at
T
A = 25
oC, unless otherwise noted.
Note 1: V
IN(MIN)=VOUT+VDROP or VIN(min) =2.5V, whichever is greater.
Note 2: For V
OUT below 2.0V, Dropout Voltage is the input to output differential.
Note 3: For V
OUT below 1.5V, the minimun input. Voltage is 3.0V.
Parameter
Symbol
Min
Typ Max Units
Input Voltage
VIN
(Note1)
5.5
V
Output V oltage Accuracy
V OUT,ACC
-2
2
%
Output Voltage Range
VOUT
1.2
4.5
V
Output Current
IOUT
300
mA
Quiescent Current
IQ
70
100
µA
(Note2)
370
500
280
400
230
330
VIN(min)≦VIN≦VIN(max)
-0.4
0.1
0.4
VIN(min)≦VIN≦VIN(max)
-0.2
0.03
0.2
VOUT+0.3V≦VIN≦VIN(max)
-0.1
0.01
0.1
-0.003
0.002
-0.005
0.004
-0.015
0.01
Output Current Limit
ILIM
330
500
mA
Shutdown Current
ISHDN
5
10
µA
Enable High (enabled)
VEN(HI)
1.4
VIN
V
Enable Low (shutdown)
VEN(LO)
0
0.4
V
Enable Pin Current (enabled)
IEN
0.1
1
µA
TSHDN
150
TRS
130
Dropout Voltage
dB
OC
VIN(min) ≦ VIN ≦ 5.5V
Thermal Shutdown
Temperature
VEN = VIN
Shutdown, temperature increasing
Restore, temperature decreasing
%/mA
%/V
mV
Output Voltage Line
Regulation
[(
∆V
OUT / ∆ VIN)x100%] /
V OUT
REGLINE
60
PSRR
Power Supply Ripple
Rejection
Output Voltage Load
Regulation
[(
∆V
OUT / VOUT) x 100%]
/
∆I
OUT
REGLOAD
VDROP
VOUT≧3.3V
Test Conditions
2.0V < VOUT ≦ 2.5V
2.6V ≦ VOUT ≦ 3.0V
VIN(min) ≦ VIN ≦ 5.5V
VOUT = 0.8 x VOUT(NOM)
VOUT ≧ 3.1V
VIN = 5.5V, IOUT = 1mA
f = 1KHz, IOUT = 100mA, Cout=1µF(Note3)
VEN = 0V, VIN(min) ≦ VIN ≦ 5.5V
1mA≦IOUT≦300mA
VOUT ≦ 2.0V
IOUT = 300mA
2.5V≦VOUT<3.3V
1.2V≦VOUT<2.5V
1.2V≦V OUT<2.5V
2.5≦ VOUT<3.3V
3.3V≦ VOUT <4.5V


Similar Part No. - AME8818

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8818AEET120Z AME-AME8818AEET120Z Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
AME8818AEET130Z AME-AME8818AEET130Z Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
AME8818AEET150Z AME-AME8818AEET150Z Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
AME8818AEET180Z AME-AME8818AEET180Z Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
AME8818AEET250Z AME-AME8818AEET250Z Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
More results

Similar Description - AME8818

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8818 AME-AME8818_12 Datasheet
326Kb / 25P
   Low Dropout 300mA CMOS Regulator
logo
ADDtek Corp
AMC7635 ADDTEK-AMC7635 Datasheet
154Kb / 9P
   300mA CMOS LOW DROPOUT REGULATOR
SEPTEMBER 2007
logo
California Micro Device...
CM3015 CALMIRCO-CM3015 Datasheet
508Kb / 14P
   Micropower, 300mA Low Dropout CMOS Regulator
logo
Taiwan Semiconductor Co...
TS9000 TSC-TS9000 Datasheet
108Kb / 4P
   300mA CMOS Low Dropout Voltage Regulator
logo
Shenzhen Huazhimei Semi...
HM6205 HMSEMI-HM6205 Datasheet
1Mb / 7P
   300mA low dropout CMOS voltage regulator
HM6206 HMSEMI-HM6206 Datasheet
452Kb / 8P
   300mA low dropout CMOS voltage regulator
logo
First Components Intern...
FM2123 FCI-FM2123 Datasheet
229Kb / 5P
   300mA Low Dropout CMOS Positive Voltage Regulator
logo
Leshan Radio Company
LR6219 LRC-LR6219 Datasheet
396Kb / 6P
   Low Dropout Voltage 300mA CMOS LDO Regulator
LR6218 LRC-LR6218 Datasheet
474Kb / 7P
   Low Dropout Voltage 300mA CMOS LDO Regulator
logo
Eutech Microelectronics...
EUP7987 EUTECH-EUP7987 Datasheet
218Kb / 11P
   300mA Low-Noise Ultra Low-Dropout CMOS Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com