Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2496 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2496
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2496 Datasheet(HTML) 3 Page - Linear Technology

  LTC2496 Datasheet HTML 1Page - Linear Technology LTC2496 Datasheet HTML 2Page - Linear Technology LTC2496 Datasheet HTML 3Page - Linear Technology LTC2496 Datasheet HTML 4Page - Linear Technology LTC2496 Datasheet HTML 5Page - Linear Technology LTC2496 Datasheet HTML 6Page - Linear Technology LTC2496 Datasheet HTML 7Page - Linear Technology LTC2496 Datasheet HTML 8Page - Linear Technology LTC2496 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
LTC2496
3
2496fa
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
CONVERTER CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Common Mode Rejection DC
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Note 5)
140
dB
Input Common Mode Rejection 60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Note 5)
140
dB
Input Common Mode Rejection 50Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Note 5)
140
dB
Input Normal Mode Rejection 50Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Notes 5, 7)
110
120
dB
Input Normal Mode Rejection 60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Notes 5, 8)
110
120
dB
Input Normal Mode Rejection 50Hz/60Hz ±2%
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Notes 5, 9)
87
dB
Reference Common Mode Rejection DC
2.5V ≤ VREF ≤ VCC, GND ≤ IN+ = IN≤ VCC (Note 5)
120
140
dB
Power Supply Rejection DC
VREF = 2.5V, IN+ = IN= GND
120
dB
Power Supply Rejection, 50Hz ±2%
VREF = 2.5V, IN+ = IN= GND (Notes 7, 9)
120
dB
Power Supply Rejection, 60Hz ±2%
VREF = 2.5V, IN+ = IN= GND (Notes 8, 9)
120
dB
ANALOG INPUT AND REFERENCE
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IN+
Absolute/Common Mode IN+ Voltage
(IN+ Corresponds to the Selected Positive Input Channel)
GND – 0.3V
VCC + 0.3V
V
IN
Absolute/Common Mode INVoltage
(INCorresponds to the Selected Positive Input Channel)
GND – 0.3V
VCC + 0.3V
V
VIN
Input Differential Voltage Range (IN+ – IN)
–FS
+FS
V
FS
Full Scale of the Differential Input (IN+ – IN)
0.5 VREF
V
LSB
Least Significant Bit of the Output Code
FS/216
REF+
Absolute/Common Mode REF+ Voltage
0.1
VCC
V
REF
Absolute/Common Mode REFVoltage
GND
REF+ – 0.1V
V
VREF
Reference Voltage Range (REF+ – REF)
0.1
VCC
V
CS(IN+)IN+ Sampling Capacitance
11
pF
CS(IN)INSampling Capacitance
11
pF
CS(VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
–10
1
10
nA
IDC_LEAK (IN)INDC Leakage Current
Sleep Mode, IN= GND
–10
1
10
nA
IDC_LEAK (REF+)REF+ DC Leakage Current
Sleep Mode, REF+ = VCC
–100
1
100
nA
IDC_LEAK (REF)REFDC Leakage Current
Sleep Mode, REF= GND
–100
1
100
nA
tOPEN
MUX Break-Before-Make
50
ns
QIRR
MUX Off Isolation
VIN = 2VP-P DC to 1.8MHz
120
dB


Similar Part No. - LTC2496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com