Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2496 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC2496
Description  16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2496 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC2496 Datasheet HTML 18Page - Linear Technology LTC2496 Datasheet HTML 19Page - Linear Technology LTC2496 Datasheet HTML 20Page - Linear Technology LTC2496 Datasheet HTML 21Page - Linear Technology LTC2496 Datasheet HTML 22Page - Linear Technology LTC2496 Datasheet HTML 23Page - Linear Technology LTC2496 Datasheet HTML 24Page - Linear Technology LTC2496 Datasheet HTML 25Page - Linear Technology LTC2496 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
LTC2496
22
2496fa
APPLICATIONS INFORMATION
Typically, ⎯C⎯S remains LOW during the data output state.
However, the data output state may be aborted by pulling
⎯C⎯S HIGH any time between the 1st rising edge and the 24th
falling edge of SCK, see Figure 8. On the rising edge of ⎯C⎯S,
the device aborts the data output state and immediately
initiates a new conversion. In order to program a new input
channel, 8 SCK clock pulses are required. If the data output
sequence is aborted prior to the 8th falling edge of SCK,
the new input data is ignored and the previously selected
input channel remains valid. If the rising edge of ⎯C⎯S occurs
after the 8th falling edge of SCK, the new input channel is
loaded and valid for the next conversion cycle.
Internal Serial Clock, 3-Wire I/O, Continuous
Conversion
This timing mode uses a 3-wire interface. The conversion
result is shifted out of the device by an internally generated
serial clock (SCK) signal, see Figure 9. In this case, ⎯C⎯S is
permanently tied to ground, simplifying the user interface
or transmission over an isolation barrier.
The internal serial clock mode is selected at the end of the
power-on reset (POR) cycle. The POR cycle is concluded
approximately 4ms after VCC exceeds 2V. An internal weak
pull-up is active during the POR cycle; therefore, the internal
serial clock timing mode is automatically selected if SCK
is floating or driven HIGH.
During the conversion, the SCK and the serial data output
pin (SDO) are HIGH (⎯E⎯O⎯C = 1). Once the conversion is
complete, SCK and SDO go LOW (⎯E⎯O⎯C = 0) indicating
the conversion has finished and the device has entered
the sleep state. The device remains in the sleep state a
minimum amount of time (1/2 the internal SCK period)
then immediately begins outputting and inputting data.
The input data is shifted through the SDI pin on the ris-
ing edge of SCK (including the first rising edge) and the
output data is shifted out the SDO pin on the falling edge
of SCK. The data input/output cycle is concluded and a
new conversion automatically begins after the 24th rising
edge of SCK. During the next conversion, SCK and SDO
remain HIGH until the conversion is complete.
Figure 8. Internal Serial Clock, Reduced Data Output Length with Valid Channel Selection
10
μF
0.1
μF
2.7V TO 5.5V
Hi-Z
2496 F08
CS
SCK
(INTERNAL)
SDI
SDO
CONVERSION
SLEEP
DATA INPUT/OUTPUT
CONVERSION
VCC
FO
REF+
REF
CH0
CH7
CH8
CH15
COM
SCK
SDI
SDO
CS
GND
28
35
29
30
8
15
16
23
7
38
37
1,3,4,5,6,31,32,33,39
36
34
REFERENCE
VOLTAGE
0.1V TO VCC
ANALOG
INPUTS
= EXTERNAL OSCILLATOR
= INTERNAL OSCILLATOR
LTC2496
4-WIRE
SPI INTERFACE
EOC
BIT 14 BIT 13
12
3
4
5
6
7
8
9
10
1
0
EN
SGL
A2
A1
A0
ODD
DON'T CARE
DON'T CARE
MSB
SIG
“0”
OPTIONAL
10k
VCC
<tEOCTEST
BIT 23
BIT 22 BIT 21 BIT 20 BIT 19 BIT 18 BIT 17 BIT 16 BIT 15


Similar Part No. - LTC2496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2496

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2494 LINER-LTC2494 Datasheet
536Kb / 36P
   16-Bit 8-/16-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2496 LINER-LTC2496_15 Datasheet
658Kb / 32P
   16-Bit 8-/16-Channel ADC with Easy Drive Input Current Cancellation
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482_15 Datasheet
322Kb / 32P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_15 Datasheet
679Kb / 42P
   16-Bit ADC with Easy Drive Input Current Cancellation
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com