Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5258-AEV120 Datasheet(PDF) 3 Page - AMETHERM Circuit Protection Thermistors

Part # AME5258-AEV120
Description  1.5MHz, 600mA Synchronous Buck Converter
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME5258-AEV120 Datasheet(HTML) 3 Page - AMETHERM Circuit Protection Thermistors

  AME5258-AEV120 Datasheet HTML 1Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 2Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 3Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME5258-AEV120 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
AME
3
AME5258
1.5MHz, 600mA
Synchronous Buck Converter
Rev.A.05
n Pin Configuration
SOT-25
Top View
AME5258-AEVxxx
1. EN
2. GND
3. SW
4. IN
5. OUT
* Die Attach:
Conductive Epoxy
SOT-25
Top View
AME5258-BEVADJ
1. EN
2. GND
3. SW
4. IN
5. FB
* Die Attach:
Conductive Epoxy
1
3
2
5
4
AME5258
1
3
2
5
4
AME5258
( Fixed Output )
( Adjustable Output )
n Pin Description
AME5258-AEVxxx
AME5258-BEVADJ
1
1
EN
Enable Control Input.
Forcing this pin above 1.5V enables the part. Forcing
this pin below 0.3V shuts down the device. In shutdown,
all functions are disabled drawing <1
µA supply current.
Do not leave EN floating.
2
2
GND
Ground Pin
3
3
SW
Switch Node Connection to Inductor.
This pin connects to the drains of the internal main and
synchronous power MOSFET switches.
4
4
IN
Main Supply Pin.
Must be closely decoupled to GND, Pin2, with a 4.7
µF
or greater ceramic capactior.
N/A
5
FB
Feedback Pin.
Receives the feedback voltage from an external resistive
divider across the output.
5
N/A
OUT
Output Voltage for fixed version
Pin Number
Pin Name
Pin Description


Similar Part No. - AME5258-AEV120

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5250 AME-AME5250 Datasheet
370Kb / 21P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5250A AME-AME5250A Datasheet
409Kb / 22P
   1A, 1.5MHz Synchronous Step-Down Converter
AME5251 AME-AME5251 Datasheet
365Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
   Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5252 AME-AME5252 Datasheet
158Kb / 18P
   Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
More results

Similar Description - AME5258-AEV120

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406 Datasheet
282Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5248 AME-AME5248 Datasheet
287Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5249 AME-AME5249 Datasheet
272Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Taiwan Semiconductor Co...
TS3406 TSC-TS3406_13 Datasheet
116Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
TS3406 TSC-TS3406_08 Datasheet
284Kb / 7P
   600mA / 1.5MHz Synchronous Buck Converter
logo
Analog Microelectronics
AME5249A AME-AME5249A Datasheet
301Kb / 21P
   1.5MHz, 600mA Synchronous Buck Converter
AME5248A AME-AME5248A Datasheet
274Kb / 20P
   1.5MHz, 600mA Synchronous Buck Converter
logo
Sipex Corporation
SP6659 SIPEX-SP6659 Datasheet
201Kb / 10P
   1.5MHz, 600mA Synchronous Buck Regulator
SP6659 SIPEX-SP6659_06 Datasheet
340Kb / 11P
   1.5MHz, 600mA Synchronous Buck Regulator
logo
Anpec Electronics Corop...
APW7101 ANPEC-APW7101 Datasheet
341Kb / 16P
   1.5MHz, 600mA, Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com