Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2492CDE-PBF Datasheet(PDF) 11 Page - Linear Technology

Part # LTC2492CDE-PBF
Description  24-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2492CDE-PBF Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC2492CDE-PBF Datasheet HTML 7Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 8Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 9Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 10Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 11Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 12Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 13Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 14Page - Linear Technology LTC2492CDE-PBF Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LTC2492
11
2492fb
PIN FUNCTIONS
FO(Pin1):FrequencyControlPin.Digitalinputthatcontrols
the internal conversion clock rate. When FO is connected
to GND, the converter uses its internal oscillator running at
307.2kHz. The conversion clock may also be overridden by
driving the FO pin with an external clock in order to change
the output rate and the digital filter rejection null.
SDI (Pin 2): Serial Data Input. This pin is used to select
the line frequency rejection mode, 1
× or 2× speed mode,
temperature sensor, as well as the input channel. The serial
data input is applied under control of the serial clock (SCK)
during the data output/input operation. The first conversion
following a new input or mode change is valid.
SCK (Pin 3): Bidirectional, Digital I/O, Clock Pin. In Internal
Serial Clock Operation mode, SCK is generated internally
and is seen as an output on the SCK pin. In External Serial
Clock Operation mode, the digital I/O clock is externally
applied to the SCK pin. The Serial Clock operation mode
is determined by the logic level applied to the SCK pin at
power up and during the most recent falling edge of CS.
CS (Pin 4): Active LOW Chip Select. A LOW on this pin
enables the digital input/output and wakes up the ADC.
Following each conversion, the ADC automatically enters
the Sleep mode and remains in this low power state as
long as CS is HIGH. A LOW-to-HIGH transition on CS
during the data output aborts the data transfer and starts
a new conversion.
SDO (Pin 5): Three-State Digital Output. During the data
output period, this pin is used as the serial data output.
When the chip select pin is HIGH, the SDO pin is in a high
impedance state. During the conversion and sleep periods,
this pin is used as the conversion status output. When
the conversion is in progress this pin is HIGH; once the
conversion is complete SDO goes low. The conversion
status is monitored by pulling CS LOW.
GND (Pin 6): Ground. Connect this pin to a common ground
plane through a low impedance connection.
COM (Pin 7): The common negative input (IN) for all
single-ended multiplexer configurations. The voltage on
CH0 to CH3 and COM pins can have any value between
GND – 0.3V to VCC + 0.3V. Within these limits, the two
selected inputs (IN+ and IN) provide a bipolar input range
(VIN = IN+ – IN) from –0.5 • VREF to 0.5 • VREF. Outside
this input range, the converter produces unique over-range
and under-range output codes.
CH0 to CH3 (Pins 8-11): Analog Inputs. May be
programmed for single-ended or differential mode.
VCC (Pin 12): Positive Supply Voltage. Bypass to GND with
a 10μF tantalum capacitor in parallel with a 0.1μF ceramic
capacitor as close to the part as possible.
REF+ (Pin 13), REF(Pin 14):
Differential Reference Input.
The voltage on these pins can have any value between
GND and VCC as long as the reference positive input, REF+,
remains more positive than the negative reference input,
REF, by at least 0.1V. The differential voltage (VREF = REF+
– REF ) sets the fullscale range for all input channels.
When performing an on-chip temperature measurement,
the minimum value of REF = 2V.
Exposed Pad (Pin 15): Ground. This pin is ground and
must be soldered to the PCB ground plane. For prototyping
purposes, this pin may remain floating.


Similar Part No. - LTC2492CDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2492 LINER-LTC2492_15 Datasheet
609Kb / 38P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
More results

Similar Description - LTC2492CDE-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2484 LINER-LTC2484 Datasheet
752Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488 Datasheet
436Kb / 28P
   16-Bit 2-/4-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2492 LINER-LTC2492_15 Datasheet
609Kb / 38P
   24-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
LTC2498 LINER-LTC2498 Datasheet
469Kb / 36P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2486 LINER-LTC2486 Datasheet
604Kb / 36P
   16-Bit 2-/4-Channel ?誇 ADC with PGA and Easy Drive Input Current Cancellation
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2484 LINER-LTC2484_15 Datasheet
755Kb / 42P
   24-Bit ADC with Easy Drive Input Current Cancellation
LTC2488 LINER-LTC2488_15 Datasheet
394Kb / 30P
   16-Bit 2-/4-Channel ADC with Easy Drive Input Current Cancellation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com