Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5144 Datasheet(PDF) 8 Page - AMETHERM Circuit Protection Thermistors

Part # AME5144
Description  High Efficiency, 37V Step-Up Converter for 2 to 10 White LEDs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMETHERM [AMETHERM Circuit Protection Thermistors]
Direct Link  http://www.ametherm.com
Logo AMETHERM - AMETHERM Circuit Protection Thermistors

AME5144 Datasheet(HTML) 8 Page - AMETHERM Circuit Protection Thermistors

Back Button AME5144 Datasheet HTML 4Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 5Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 6Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 7Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 8Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 9Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 10Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 11Page - AMETHERM Circuit Protection Thermistors AME5144 Datasheet HTML 12Page - AMETHERM Circuit Protection Thermistors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
AME
8
AME5144
Rev. D.01
High Efficiency, 37V Step-Up
Converter for 2 to 10 White LEDs
n Detailed Description
The high efficiency and small size of the AME5144 make
them ideally suited to driver up to ten series-connected
LEDs. They operate as a boost DC-DC converter that con-
trols output current rather than voltage. A low 300mV cur-
rent-sense threshold minimized the losses. The AME5144
provide even illumination by sourcing the same output cur-
rent through each LED, eliminating the need for expensive
factory calibration. The fast 1MHz internal oscillator al-
lows for small inductor and small input and output capaci-
tors while minimizing input and output ripple.
The single analog control input (CTRL) allows easy ad-
justment of LED brightness and on/off control. This allows
simple logic-level on/off control, analog voltage control, or
PWM duty-cycle control of both brightness and shutdown.
In shutdown, supply current is reduced to a low 0.3
µA
(Typ.). A soft-start gradually illuminates the LEDs, elimi-
nating the inrush current during startup.
Shutdown
The AME5144 enter shutdown when VCTRL is less than
100mV for more than 8.2ms. When shutdown, the supply
current is reduced to 0.3
µA (Typ.) approximately.
The 0.3uA supply current is applied for the voltage-de-
tection circuitry. C
COMP is discharge during shutdown, al-
lowing the device to reinitiate soft-start when enabled. Al-
though the internal n-channel MOSFET does not switch in
shutdown, there is still a DC current path between the
input and the LEDs through the inductor and Schottky di-
ode. The minimum forward voltage of the LED array must
exceed the maximum input voltage to ensure that the LEDs
remain off in shutdown. However, with two or more LEDs,
the forward voltage is enough to keep leakage current low,
less than 1
µA (Typ.).
Soft-Start
The AME5144 attain soft-start by charging C
COMP gradu-
ally with a current source. When V
COMP rises above 1.25V,
the internal MOSFET begins switching at a reduced duty
cycle. When V
COMP rises above 2.25V, the duty cycle is
at its maximum. See the Typical Operation Characteris-
tics for an example of soft-start operation.
c
Over Voltage Protection
OVP is designed to prevent the output voltage from ex-
ceeding the maximum switch voltage rating of 38.5V (Typ.).
The protection circuitry stops the internal MOSFET from
switching.
There is a 1.5V hysteresis associated with
this circuitry which will cause the output to fluctuate be-
tween 38.5V and 37V.
Adjusting LED Current
Adjusting the output current of the AME5144 changes
the brightness of the LEDs. An analog input (CTRL) and
the sense-resistor values set the output current. Output
current is given by:
I
LED=VCTRL/(5xRSENSE)
The V
CTRL voltage range for adjusting output current is
0.24V to 1.65V.
To set maximum current, calculate
RSENSE when VCTRL is at its maximum as follows:
R
SENSE=1.65V / (5 x ILED)
Power dissipation in R
SENSE is typical less than 10mW,
allowing the use of small surface-mount resistor.
PWM Dimming Control
A. Using DC Signal for CTRL Pin
For CTRL, applying a DC signal in the range of 0.24V to
1.65V control the LED current. CTRL can be overdriven;
however, applying a CTRL greater than 1.65V does not
increased the LED current above the level at 1.65V.
B. Using PWM signal for CTRL pin
The CTRL input is used as a digital input allowing LED
brightness control with a logic-level PWM signal applied
directly to CTRL. The frequency range is from 200Hz to
30KHz, while 0% duty cycle corresponds to minimum cur-
rent, and 100% duty cycle corresponds to full current.
The error amplifier and compensation capacitor form a
low pass filter so PWM dimming results in DC current to
the LEDs without the need for any additional RC filters.


Similar Part No. - AME5144

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5140 AME-AME5140 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJY AME-AME5140AEEAADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEAADJZ3 AME-AME5140AEEAADJZ3 Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJY AME-AME5140AEEVADJY Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
AME5140AEEVADJZ AME-AME5140AEEVADJZ Datasheet
219Kb / 22P
   1.6 MHz Boost Converter With 30V Internal FET Switch
More results

Similar Description - AME5144

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7209 ANPEC-APW7209 Datasheet
377Kb / 14P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7209 ANPEC-APW7209_13 Datasheet
375Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 10 White LEDs
APW7208 ANPEC-APW7208 Datasheet
341Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A Datasheet
423Kb / 15P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
TECHCODE SEMICONDUCTOR,...
TD8202 TECHCODE-TD8202 Datasheet
989Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207 Datasheet
323Kb / 16P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 6 White LEDs
APW7136A ANPEC-APW7136A_10 Datasheet
359Kb / 17P
   1MHz, High-Efficiency, Step-Up Converter for 2 to 8 White LEDs
logo
Maxim Integrated Produc...
MAX1553 MAXIM-MAX1553 Datasheet
347Kb / 11P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
19-2875; Rev 0; 6/03
MAX1553 MAXIM-MAX1553_15 Datasheet
225Kb / 10P
   High-Efficiency, 40V Step-Up Converters for 2 to 10 White LEDs
Rev 2; 5/15
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com