Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AKD4390 Datasheet(PDF) 7 Page - Asahi Kasei Microsystems

Part # AKD4390
Description  Ultra Low Latency 32-Bit ?誇 DAC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AKD4390 Datasheet(HTML) 7 Page - Asahi Kasei Microsystems

Back Button AKD4390 Datasheet HTML 3Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 4Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 5Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 6Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 7Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 8Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 9Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 10Page - Asahi Kasei Microsystems AKD4390 Datasheet HTML 11Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
[AK4390]
MS1046-E-00
2009/01
- 7 -
ANALOG CHARACTERISTICS
(Ta=25
°C; AVDD=VDDL/R=DVDD=5.0V; VSS1 = VSS2 = VSS3 = VSS4 =0V; VREFHL/R=AVDD, VREFLL/R=
VSS1=VSS2=VSS3; Input data=24bit; RL ≥ 1kΩ; BICK=64fs; Input Signal Frequency = 1kHz; Sampling Frequency =
44.1kHz; Measurement bandwidth = 20Hz ~ 20kHz; External Circuit: Figure 15; unless otherwise specified.)
Parameter
min
typ
max
Units
Resolution
24
Bits
Dynamic Characteristics
(Note 5)
fs=44.1kHz
BW=20kHz
0dBFS
−60dBFS
−103
−57
93
-
dB
dB
fs=96kHz
BW=40kHz
0dBFS
−60dBFS
−100
−54
-
-
dB
dB
THD+N
fs=192kHz
BW=40kHz
BW=80kHz
0dBFS
−60dBFS
−60dBFS
−100
−54
−51
-
-
-
dB
dB
dB
Dynamic Range (
−60dBFS with A-weighted)
(Note 6)
114
120
dB
S/N (A-weighted)
(Note 7)
114
120
dB
Interchannel Isolation (1kHz)
110
120
dB
DC Accuracy
Interchannel Gain Mismatch
0.15
0.3
dB
Gain Drift
(Note 8)
20
-
ppm/
°C
Output Voltage
(Note 9)
±2.65
±2.8
±2.95
Vpp
Load Capacitance
25
pF
Load Resistance
(Note 10)1
k
Ω
Power Supplies
Power Supply Current
Normal operation (PDN pin = “H”)
AVDD, VDDL/R
DVDD (fs
≤ 96kHz)
DVDD (fs = 192kHz)
60
43
46
90
-
70
mA
mA
mA
Power down (PDN pin = “L”)
(Note 11)
AVDD+DVDD
10
100
μA
Note 5. Measured by Audio Precision, System Two. Averaging mode. Refer to the evaluation board manual.
Note 6. By Figure 15. External LPF Circuit Example 2.101dB for 16-bit data and 118dB for 20-bit data.
Note 7. By Figure 15. External LPF Circuit Example 2. S/N does not depend on input word length.
Note 8. The voltage on (VREFHL/R
− VREFLL/R) is held +5V externally.
Note 9. Full-scale voltage(0dB). Output voltage scales with the voltage of (VREFHL/R
− VREFLL/R).
AOUT (typ.@0dB) = (AOUT+)
− (AOUT−) = ±2.8Vpp × (VREFHL/R − VREFLL/R)/5.
Note 10. For AC-load. 1.5k
Ω for DC-Load
Note 11. In the power-down mode. PSN pin = DVDD, and all other digital input pins including clock pins
(MCLK, BICK and LRCK) are held VSS4.
Note 12. PSR is applied to AVDD, DVDD with 1kHz, 100mVpp. The VREFHL/R pin is held +5V.


Similar Part No. - AKD4390

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AKD4390-SA AKM-AKD4390-SA Datasheet
569Kb / 29P
   AK4390 Sound quality evaluation board Rev.2
More results

Similar Description - AKD4390

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4388A AKM-AK4388A Datasheet
327Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
AK4388 AKM-AK4388 Datasheet
196Kb / 18P
   192kHz 24-Bit 2ch ?誇 DAC
logo
ESS Technology,Inc
ES9016S ESS-ES9016S Datasheet
69Kb / 2P
   Ultra 32-bit 8-Channel Audio DAC
ES9016K2M ESS-ES9016K2M Datasheet
53Kb / 2P
   Ultra 32-bit Stereo Mobile Audio DAC
logo
Asahi Kasei Microsystem...
AK4393 AKM-AK4393_12 Datasheet
260Kb / 24P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4393 AKM-AK4393_03 Datasheet
240Kb / 23P
   Advanced Multi-Bit 96kHz 24-Bit ?誇 DAC
AK4396 AKM-AK4396 Datasheet
423Kb / 38P
   Advanced Multi-Bit 192kHz 24-Bit ?誇 DAC
AK4387 AKM-AK4387 Datasheet
250Kb / 21P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
AK4385 AKM-AK4385_06 Datasheet
272Kb / 23P
   108dB 192kHz 24-Bit 2ch ?誇 DAC
AK4384 AKM-AK4384_06 Datasheet
281Kb / 24P
   106dB 192kHz 24-Bit 2ch ?誇 DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com