Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481CDD Datasheet(PDF) 36 Page - Linear Technology

Part # LTC2481CDD
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481CDD Datasheet(HTML) 36 Page - Linear Technology

Back Button LTC2481CDD Datasheet HTML 32Page - Linear Technology LTC2481CDD Datasheet HTML 33Page - Linear Technology LTC2481CDD Datasheet HTML 34Page - Linear Technology LTC2481CDD Datasheet HTML 35Page - Linear Technology LTC2481CDD Datasheet HTML 36Page - Linear Technology LTC2481CDD Datasheet HTML 37Page - Linear Technology LTC2481CDD Datasheet HTML 38Page - Linear Technology LTC2481CDD Datasheet HTML 39Page - Linear Technology LTC2481CDD Datasheet HTML 40Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
36
LTC2481
2481f
APPLICATIO S I FOR ATIO
*******************************************************************************/
signed int32 read_LTC2481(char addr, char config)
{
struct fourbytes
// Define structure of four consecutive bytes
{
// To allow byte access to a 32 bit int or float.
int8 te0;
//
int8 te1;
// The make32() function in this compiler will
int8 te2;
// also work, but a union of 4 bytes and a 32 bit int
int8 te3;
// is probably more portable.
};
union
// adc_code.bits32
all 32 bits
{
// adc_code.by.te0
byte 0
signed int32 bits32;
// adc_code.by.te1
byte 1
struct fourbytes by;
// adc_code.by.te2
byte 2
} adc_code;
// adc_code.by.te3
byte 3
// Start communication with LTC2481:
i2c_start();
if(i2c_write(addr | WRITE))// If no acknowledge, return zero
{
i2c_stop();
return 0;
}
i2c_write(config);
i2c_start();
i2c_write(addr | READ);
adc_code.by.te3 = i2c_read();
adc_code.by.te2 = i2c_read();
adc_code.by.te1 = i2c_read();
adc_code.by.te0 = 0;
i2c_stop();
return adc_code.bits32;
} // End of read_LTC2481()
/*** initialize() **************************************************************
Basic hardware initialization of controller and LCD, send Hello message to LCD
*******************************************************************************/
void initialize(void)
{
// General initialization stuff.
setup_adc_ports(NO_ANALOGS);
setup_adc(ADC_OFF);
setup_counters(RTCC_INTERNAL,RTCC_DIV_1);
setup_timer_1(T1_DISABLED);
setup_timer_2(T2_DISABLED,0,1);
// This is the important part - configuring the SPI port
setup_spi(SPI_MASTER|SPI_L_TO_H|SPI_CLK_DIV_16|SPI_SS_DISABLED); // fast SPI clock
CKP = 0; // Set up clock edges - clock idles low, data changes on
CKE = 1; // falling edges, valid on rising edges.


Similar Part No. - LTC2481CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481CDD-PBF LINER-LTC2481CDD-PBF Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481CDD-TRPBF LINER-LTC2481CDD-TRPBF Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481CDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com