Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481 Datasheet(PDF) 35 Page - Linear Technology

Part # LTC2481
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481 Datasheet(HTML) 35 Page - Linear Technology

Back Button LTC2481 Datasheet HTML 31Page - Linear Technology LTC2481 Datasheet HTML 32Page - Linear Technology LTC2481 Datasheet HTML 33Page - Linear Technology LTC2481 Datasheet HTML 34Page - Linear Technology LTC2481 Datasheet HTML 35Page - Linear Technology LTC2481 Datasheet HTML 36Page - Linear Technology LTC2481 Datasheet HTML 37Page - Linear Technology LTC2481 Datasheet HTML 38Page - Linear Technology LTC2481 Datasheet HTML 39Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 40 page
background image
35
LTC2481
2481f
APPLICATIO S I FOR ATIO
/*
LTC2481.c
Basic voltmeter test program for LTC2481
Reads LTC2481 input at gain = 1, 1X speed mode, converts to volts,
and prints voltage to a 2 line by 16 character LCD display.
Mark Thoren
Linear Technonlgy Corporation
June 23, 2005
Written for CCS PCM compiler, Version 3.182
*/
#include "LTC248X.h"
/*** read_LTC2481() ************************************************************
This is the function that actually does all the work of talking to the LTC2481.
Arguments:
addr - device address
config - configuration bits for next conversion
Returns:
zero if conversion is in progress,
32 bit signed integer with lower 8 bits clear, 24 bit LTC2481
output word in the upper 24 bits. Data is left-justified for
compatibility with the 24 bit LTC2485.
the i2c_xxxx() functions do the following:
void i2c_start(void): generate an i2c start or repeat start condition
void i2c_stop(void): generate an i2c stop condition
char i2c_read(boolean): return 8 bit i2c data while generating an ack or nack
boolean i2c_write(): send 8 bit i2c data and return ack or nack from slave device
These functions are very compiler specific, and can use either a hardware i2c
port or software emulation of an i2c port. This example uses software emulation.
A good starting point when porting to other processors is to write your own
i2c functions. Note that each processor has its own way of configuring
the i2c port, and different compilers may or may not have built-in functions
for the i2c port.
When in doubt, you can always write a "bit bang" function for troubleshooting
purposes.
The "fourbytes" structure allows byte access to the 32 bit return value:
struct fourbytes
// Define structure of four consecutive bytes
{
// To allow byte access to a 32 bit int or float.
int8 te0;
//
int8 te1;
// The make32() function in this compiler will
int8 te2;
// also work, but a union of 4 bytes and a 32 bit int
int8 te3;
// is probably more portable.
};
Also note that the lower 4 bits are the configuration word from the previous
conversion.


Similar Part No. - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2481 LINER-LTC2481 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2481 LINER-LTC2481 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2481 LINER-LTC2481 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com