Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481 Datasheet(PDF) 30 Page - Linear Technology

Part # LTC2481
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481 Datasheet(HTML) 30 Page - Linear Technology

Back Button LTC2481 Datasheet HTML 26Page - Linear Technology LTC2481 Datasheet HTML 27Page - Linear Technology LTC2481 Datasheet HTML 28Page - Linear Technology LTC2481 Datasheet HTML 29Page - Linear Technology LTC2481 Datasheet HTML 30Page - Linear Technology LTC2481 Datasheet HTML 31Page - Linear Technology LTC2481 Datasheet HTML 32Page - Linear Technology LTC2481 Datasheet HTML 33Page - Linear Technology LTC2481 Datasheet HTML 34Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 40 page
background image
30
LTC2481
2481f
APPLICATIO S I FOR ATIO
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS 2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS10fS11fS12fS
2481 F32
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 31. Input Normal Mode Rejection,
Internal Oscillator and 50Hz Notch Mode
DIFFERENTIAL INPUT SIGNAL FREQUENCY (Hz)
0fS
2481 F33
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
2fS 3fS 4fS 5fS 6fS 7fS 8fS 9fS 10fS
Figure 32. Input Normal Mode Rejection at DC
As a result of these remarkable normal mode specifica-
tions, minimal (if any) antialias filtering is required in front
of the LTC2481. If passive RC components are placed in
front of the LTC2481, the input dynamic current should be
considered (see Input Current section). In this case, the
differential input current cancellation feature of the LTC2481
allows external RC networks without significant degrada-
tion in DC performance.
Traditional high order delta-sigma modulators, while pro-
viding very good linearity and resolution, suffer from
potential instabilities at large input signal levels. The pro-
prietary architecture used for the LTC2481 third order
modulator resolves this problem and guarantees a predict-
able stable behavior at input signal levels of up to 150% of
full scale. In many industrial applications, it is not uncom-
mon to have to measure microvolt level signals superim-
posed on volt level perturbations and the LTC2481 is
eminently suited for such tasks. When the perturbation is
differential, the specification of interest is the normal mode
rejection for large input signal levels. With a reference
voltage VREF = 5V, the LTC2481 has a full-scale differential
input range of 5V peak-to-peak. Figures 38 and 39 show
measurement results for the LTC2481 normal mode rejec-
tion ratio with a 7.5V peak-to-peak (150% of full scale)
input signal superimposed over the more traditional nor-
mal mode rejection ratio results obtained with a 5V peak-
to-peak (full scale) input signal. In Figure 38, the LTC2481
uses the internal oscillator with the notch set at 60Hz and
in Figure 39 it uses the internal oscillator with the notch set
at 50Hz. It is clear that the LTC2481 rejection performance
INPUT SIGNAL FREQUENCY (Hz)
2481 F34
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
fN
0
2fN 3fN 4fN 5fN 6fN 7fN 8fN
fN = fEOSC/5120
INPUT SIGNAL FREQUENCY (Hz)
250fN 252fN 254fN 256fN 258fN 260fN 262fN
2481 F35
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
–110
–120
Figure 34. Input Normal Mode Rejection at fs = 256fN
Figure 33. Input Normal Mode Rejection at DC


Similar Part No. - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2481 LINER-LTC2481 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2481 LINER-LTC2481 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2481 LINER-LTC2481 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com