Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2481 Datasheet(PDF) 25 Page - Linear Technology

Part # LTC2481
Description  16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2481 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTC2481 Datasheet HTML 21Page - Linear Technology LTC2481 Datasheet HTML 22Page - Linear Technology LTC2481 Datasheet HTML 23Page - Linear Technology LTC2481 Datasheet HTML 24Page - Linear Technology LTC2481 Datasheet HTML 25Page - Linear Technology LTC2481 Datasheet HTML 26Page - Linear Technology LTC2481 Datasheet HTML 27Page - Linear Technology LTC2481 Datasheet HTML 28Page - Linear Technology LTC2481 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 40 page
background image
25
LTC2481
2481f
APPLICATIO S I FOR ATIO
Figure 20. INL vs DIFFERENTIAL Input Voltage and
Reference Source Resistance for CREF > 1µF
VIN/VREF (V)
– 0.5
2
6
10
0.3
2481 F21
–2
–6
0
4
8
–4
–8
–10
– 0.3
– 0.1
0.1
0.5
VCC = 5V
VREF = 5V
VIN(CM) = 2.5V
TA = 25°C
CREF = 10µF
R = 1k
R = 100
R = 500
external oscillator with a frequency fEOSC (external conver-
sion clock operation), the typical differential reference resis-
tance is 0.30 • 1012/fEOSC Ω and each ohm of source
resistance driving the REF+ or REFpins will result in 1.67
• 10–6 • fEOSCppm gain error. The typical +FS and –FS errors
for various combinations of source resistance seen by the
REF+ or REFpins and external capacitance connected to
that pin are shown in Figures 16-19.
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
The INL is caused by the input dependent terms
–VIN2/(VREF • REQ) – (0.5 • VREF • DT)/REQ in the reference
pin current as expressed in Figure 12. When using internal
oscillator and 60Hz mode, every 100
Ω of reference source
resistance translates into about 0.67ppm additional INL
RSOURCE (Ω)
0
–30
–10
10
10k
2481 F18
–50
–70
–40
–20
0
–60
–80
–90
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
= 3.75V
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
Figure 17. –FS Error vs RSOURCE at REF+ or REF(Small CREF)
RSOURCE (Ω)
0
50
70
90
10k
2481 F17
30
10
40
60
80
20
0
–10
10
100
1k
100k
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
= 1.25V
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
Figure 16. +FS Error vs RSOURCE at REF+ or REF(Small CREF)
Figure 18. +FS Error vs RSOURCE at REF+ or REF(Large CREF)
RSOURCE (Ω)
0
300
400
500
800
2481 F19
200
100
0
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 3.75V
VIN
= 1.25V
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
RSOURCE (Ω)
0
–200
–100
0
800
2481 F20
–300
–400
–500
200
400
600
1000
VCC = 5V
VREF = 5V
VIN
+ = 1.25V
VIN
= 3.75V
TA = 25°C
CREF = 1µF, 10µF
CREF = 0.1µF
CREF = 0.01µF
Figure 19. –FS Error vs RSOURCE at REF+ or REF(Large CREF)


Similar Part No. - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2481 LINER-LTC2481 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2481 LINER-LTC2481 Datasheet
290Kb / 16P
   Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
LTC2481 LINER-LTC2481 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC2481 LINER-LTC2481 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
More results

Similar Description - LTC2481

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2483 LINER-LTC2483 Datasheet
407Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_1 Datasheet
428Kb / 40P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2485 LINER-LTC2485 Datasheet
489Kb / 40P
   24-Bit ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2497 LINER-LTC2497 Datasheet
403Kb / 28P
   16-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2483 LINER-LTC2483_15 Datasheet
2Mb / 34P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2481 LINER-LTC2481_15 Datasheet
794Kb / 40P
   16-Bit ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2482 LINER-LTC2482 Datasheet
319Kb / 32P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2480 LINER-LTC2480_1 Datasheet
500Kb / 42P
   16-Bit ?誇 ADC with Easy Drive Input Current Cancellation
LTC2499 LINER-LTC2499 Datasheet
432Kb / 32P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
LTC2499 LINER-LTC2499_1 Datasheet
441Kb / 34P
   24-Bit 8-/16-Channel ?誇 ADC with Easy Drive Input Current Cancellation and I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com