Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2433-1 Datasheet(PDF) 23 Page - Linear Technology

Part # LTC2433-1
Description  Differential Input 16-Bit No Latency DS ADC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2433-1 Datasheet(HTML) 23 Page - Linear Technology

Back Button LTC2433-1 Datasheet HTML 19Page - Linear Technology LTC2433-1 Datasheet HTML 20Page - Linear Technology LTC2433-1 Datasheet HTML 21Page - Linear Technology LTC2433-1 Datasheet HTML 22Page - Linear Technology LTC2433-1 Datasheet HTML 23Page - Linear Technology LTC2433-1 Datasheet HTML 24Page - Linear Technology LTC2433-1 Datasheet HTML 25Page - Linear Technology LTC2433-1 Datasheet HTML 26Page - Linear Technology LTC2433-1 Datasheet HTML 27Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
LTC2433-1
23
24331fa
Larger values of reference capacitors (CREF > 0.01µF) may
be required as reference filters in certain configurations.
Such capacitors will average the reference sampling charge
and the external source resistance will see a quasi con-
stant reference differential impedance. When FO = LOW
(internal oscillator and 50Hz/60Hz notch), the typical
differential reference resistance is 4.2M
Ω which will gen-
erate a gain error of approximately 1LSB full scale for each
120
Ω of source resistance driving REF+ or REF. When FO
is driven by an external oscillator with a frequency fEOSC
(external conversion clock operation), the typical differen-
tial reference resistance is 0.60 • 1012/fEOSCΩ and each
ohm of source resistance drving REF+ or REFwill result
in 5.1 • 10–8 • fEOSCLSB gain error at full scale. The effect
Figure 19. +FS Error vs RSOURCE at REF+ or REF(Small CIN)
Figure 20. –FS Error vs RSOURCE at REF+ or REF(Small CIN)
Figure 21. +FS Error vs RSOURCE at REF+ and REF(Large CREF)
Figure 22. –FS Error vs RSOURCE at REF+ and REF(Large CREF)
RSOURCE (Ω)
1
10
100
1k
10k
100k
24331 F19
0
–1
–2
–3
VCC = 5V
REF+ = 5V
REF = GND
IN+ = 3.75V
IN = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
RSOURCE (Ω)
1
10
100
1k
10k
100k
24331 F20
3
2
1
0
CREF = 0.01µF
CREF = 0.001µF
CREF = 100pF
CREF = 0pF
VCC = 5V
REF+ = 5V
REF = GND
IN+ = 1.25V
IN = 3.75V
FO = GND
TA = 25°C
RSOURCE (Ω)
0
0
–5
–10
800
24331 F21
200
400
600
1000
700
100
300
500
900
VCC = 5V
REF+ = 5V
REF= GND
IN+ = 3.75V
IN = 1.25V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 1µF
CREF = 0.1µF
CREF = 10µF
RSOURCE (Ω)
0
10
5
0
800
24331 F22
200
400
600
1000
700
100
300
500
900
VCC = 5V
REF+ = 5V
REF= GND
IN+ = 1.25V
IN = 3.75V
FO = GND
TA = 25°C
CREF = 0.01µF
CREF = 1µF
CREF = 0.1µF
CREF = 10µF
of the source resistance on the two reference pins is
additive with respect to this gain error. The typical +FS and
–FS errors for various combinations of source resistance
seen by the REF+ and REFpins and external capacitance
CREF connected to these pins are shown in Figures 19, 20,
21 and 22.
In addition to this gain error, the converter INL perfor-
mance is degraded by the reference source impedance.
When FO = LOW (internal oscillator and 50Hz/60Hz notch),
every 1000
Ω of source resistance driving REF+ or REF
translates into about 1LSB additional INL error. When FO
is driven by an external oscillator with a frequency fEOSC,
every 1000
Ω of source resistance driving REF+ or REF
APPLICATIO S I FOR ATIO


Similar Part No. - LTC2433-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
LTC2433-1CMS LINEAR-LTC2433-1CMS Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
LTC2433-1IMS LINEAR-LTC2433-1IMS Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2433-1 LINER-LTC2433-1_15 Datasheet
304Kb / 28P
   Differential Input 16-Bit No Latency ADC
More results

Similar Description - LTC2433-1

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC2433-1 LINEAR-LTC2433-1 Datasheet
306Kb / 28P
   Differential Input 16-Bit No Latency DS ADC
logo
Linear Technology
LTC2436-1 LINER-LTC2436-1 Datasheet
292Kb / 28P
   2-Channel Differential Input 16-Bit No Latency DS ADC
LTC2433-1 LINER-LTC2433-1_15 Datasheet
304Kb / 28P
   Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412 Datasheet
409Kb / 36P
   2-Channel Differential Input 24-Bit No Latency DS ADC
LTC2436-1 LINER-LTC2436-1_15 Datasheet
302Kb / 28P
   2-Channel Differential Input 16-Bit No Latency ADC
LTC2412 LINER-LTC2412_15 Datasheet
422Kb / 36P
   2-Channel Differential Input 24-Bit No Latency ADC
LTC2410 LINER-LTC2410 Datasheet
778Kb / 44P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_15 Datasheet
673Kb / 48P
   24-Bit No Latency ADC with Differential Input and Differential Reference
LTC2410 LINER-LTC2410_09 Datasheet
667Kb / 48P
   24-Bit No Latency DSTM ADC with Differential Input and Differential Reference
LTC2439-1 LINER-LTC2439-1_15 Datasheet
325Kb / 28P
   8-/16-Channel 16-Bit No Latency ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com