Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GC1140-4T45F Datasheet(PDF) 2 Page - Green Power Solutions srl

Part No. GC1140-4T45F
Description  BAR CLAMP FOR HOCKEY PUK DEVICES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

GC1140-4T45F Datasheet(HTML) 2 Page - Green Power Solutions srl

   
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAR CLAMP FOR HOCKEY PUK DEVICES
GC140-4T..F
ORDERING INFORMATION TABLE
Clamps can be ordered using the following part numbering system
GC140
4T
C
B
45
F
(3)
(2)
(3)
(3) Insulator code:
(4) Bolt code:
(3) Clamping force (in kN):
K: Total thickness of the assembly to be clamped
Type GC140BN…: suggested insulator/bolt types
S Min[mm]
SMax [mm]
(3)
Ins. Lenght [mm]
Bolt Lenght [mm]
47
57
B
70
57
67
C
95
67
77
C
95
77
87
C
95
87
97
D
120
97
107
D
120
Document GC140-4T..FT001
190
200
150
160
170
180
T [mm]
170
180
130
140
150
160
(4)
A
E
F
B
C
D
Allowed clearance S
Insulator choice
Bolt choice
Max height
45
50
see table below
see table below
35
40
In the interest of product improvement Green Power Solutions reserves the right to change any specification given in this data sheet without notice.
K


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GC79FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC79RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC89RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC89FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC102FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC118FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC118RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC140RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 Green Power Solutions srl
GC102RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn