Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

GC1140-4T45F Datasheet(PDF) 1 Page - Green Power Solutions srl

Part No. GC1140-4T45F
Description  BAR CLAMP FOR HOCKEY PUK DEVICES
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  GPSEMI [Green Power Solutions srl]
Homepage  http://www.gpsemi.it
Logo 

GC1140-4T45F Datasheet(HTML) 1 Page - Green Power Solutions srl

   
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GC140-4T..F
BAR CLAMP FOR HOCKEY PUK DEVICES
Clamping total thikness of assembly from
47mm to 107mm
Pre-loaded to the specific clamping
force (35 ÷ 50 kN)
Maximum device diameter: 127mm
Surface passivation to provide extra protection
Hexagon head bolt partially
threaded M8x1.25, UNI5737, 8.8 steel
Various lengths of bolts and insulators
Flat clamping head for optimal clamping
force application
User friendly clamping force indicator
UL94 certified insulation material
Types
Notes
Min
Typ
Max
g
GC1140-4TS…F
5750
5900
GC1140-4T…35F
35
GC1140-4T…40F
40
GC1140-4T…45F
45
GC1140-4T…50F
50
Clamping Force tolerance
± 10%
Insulation Voltage
VRMS
1 min
3000
Noryl
 ∗∗
UL File
E121562
Max. working temperature
°C
-30
110
Creepage distance:
mm
28
Clearance distance:
mm
20.3
Storage temperature
°C
-40
110
mm
UL94 V-1 Flame class rating
1.5
mm
UL94 V-0 Flame class rating
8.00
mm
CSA Flammability
1.00
*
Other clamping forces available: contact factory
** Noryl
is a registered trade mark of General Electric
Document GC140-4T..FT001
Parameter
Insulating Material
Flammability
Unit
Testing
conditions
Values
Weight
Clamping Force*
kN
Green Power Solutions srl
Via Greto di Cornigliano 6R - 16152 Genova , Italy
Phone: +39-010-659 1869
Fax:
+39-010-659 1870
Web: www.gpsemi.it
E-mail: info@gpsemi.it


Html Pages

1  2  3 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GC79FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC79RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC89RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC89FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC102FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC118FBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC118RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl
GC140RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 Green Power Solutions srl
GC102RBAR CLAMP FOR HOCKEY PUK DEVICES 1 2 3 4 Green Power Solutions srl

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn